Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV244 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LV244
Szczegółowy opis  Octal buffer/line driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV244 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LV244 Datasheet HTML 1Page - NXP Semiconductors 74LV244 Datasheet HTML 2Page - NXP Semiconductors 74LV244 Datasheet HTML 3Page - NXP Semiconductors 74LV244 Datasheet HTML 4Page - NXP Semiconductors 74LV244 Datasheet HTML 5Page - NXP Semiconductors 74LV244 Datasheet HTML 6Page - NXP Semiconductors 74LV244 Datasheet HTML 7Page - NXP Semiconductors 74LV244 Datasheet HTML 8Page - NXP Semiconductors 74LV244 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LV244
Octal buffer/line driver (3-State)
2
1998 May 20
853–1924 19420
FEATURES
Wide operating voltage: 1.0 to 5.5 V
Optimized for low voltage applications: 1.0 to 3.6 V
Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
Typical V
OLP (output ground bounce) < 0.8 V at VCC = 3.3 V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) > 2 V at VCC = 3.3 V,
Tamb = 25°C
Output capability: bus driver
I
CC category: MSI
DESCRIPTION
The 74LV244 is a low-voltage Si-gate CMOS device and is pin and
function compatible with 74HC/HCT244.
The 74LV244 is an octal non-inverting buffer/line driver with 3-State
outputs. The 3-State outputs are controlled by the output enable
inputs 1OE and 2OE. A HIGH on nOE causes the outputs to
assume a high impedance OFF-state. The 74LV244 is identical to
the 74LV240 but has non-inverting outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
1An to 1Yn;
2An to 2Yn
CL = 15 pF;
VCC = 3.3 V
8.0
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per buffer
VCC = 3.3 V
VI = GND to VCC1
35
pF
NOTE:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2
fi ) (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL
VCC2
fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
20-Pin Plastic DIL
–40
°C to +125°C
74LV244 N
74LV244 N
SOT146-1
20-Pin Plastic SO
–40
°C to +125°C
74LV244 D
74LV244 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV244 DB
74LV244 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV244 PW
74LV244PW DH
SOT360-1
PIN CONFIGURATION
SV00620
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A0
2Y0
1A1
2Y1
1A2
2Y2
1A3
2Y3
GND
2A3
1Y3
2A2
1Y2
2A1
1Y1
2A0
1Y0
2OE
VCC
LOGIC SYMBOL
SV00621
1Y0
2Y0
18
3
1Y1
2Y1
16
5
1Y2
2Y2
14
7
1Y3
2Y3
12
9
1A0
2A0
2
17
1A1
2A1
4
15
1A2
2A2
6
13
1A3
2A3
8
11
1OE
1
2OE
19


Podobny numer części - 74LV244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV244 NEXPERIA-74LV244 Datasheet
235Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 5 - 24 September 2021
74LV244-Q100 NEXPERIA-74LV244-Q100 Datasheet
729Kb / 14P
   Octal buffer/line driver (3-state)
logo
Texas Instruments
74LV244A TI-74LV244A Datasheet
697Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LV244A NEXPERIA-74LV244A Datasheet
739Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 1 - 23 November 2016
74LV244APW NEXPERIA-74LV244APW Datasheet
739Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 1 - 23 November 2016
More results

Podobny opis - 74LV244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com