Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV245 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LV245
Szczegółowy opis  Octal bus transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV245 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LV245 Datasheet HTML 1Page - NXP Semiconductors 74LV245 Datasheet HTML 2Page - NXP Semiconductors 74LV245 Datasheet HTML 3Page - NXP Semiconductors 74LV245 Datasheet HTML 4Page - NXP Semiconductors 74LV245 Datasheet HTML 5Page - NXP Semiconductors 74LV245 Datasheet HTML 6Page - NXP Semiconductors 74LV245 Datasheet HTML 7Page - NXP Semiconductors 74LV245 Datasheet HTML 8Page - NXP Semiconductors 74LV245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LV245
Octal bus transceiver (3-State)
2
1998 Apr 20
853–1931 19258
FEATURES
Wide operating voltage: 1.0 to 5.5 V
Optimized for low voltage applications: 1.0 to 3.6 V
Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
Typical V
OLP (output ground bounce) < 0.8 V at VCC = 3.3 V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) > 2 V at VCC = 3.3 V,
Tamb = 25°C
Output capability: bus driver
I
CC category: MSI
DESCRIPTION
The 74LV245 is a low-voltage Si-gate CMOS device and is pin and
function compatible with 74HC/HCT245.
The 74LV245 is an octal transceiver featuring non-inverting 3-State
bus compatible outputs in both send and receive directions. The
74LV245 features an output enable (OE) input for easy cascading
and a send/receive (DIR) input for direction control. OE controls the
outputs so that the buses are effectively isolated.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
An to Bn; Bn to An
CL = 15 pF;
VCC = 3.3 V
7.0
ns
CI
Input capacitance
3.5
pF
CI/O
Input/output capacitance
10
pF
CPD
Power dissipation capacitance per buffer
VCC = 3.3 V
VI = GND to VCC, note 1
40
pF
NOTE:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2
fi ) (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL
VCC2
fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
20-Pin Plastic DIL
–40
°C to +125°C
74LV245 N
74LV245 N
SOT146-1
20-Pin Plastic SO
–40
°C to +125°C
74LV245 D
74LV245 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV245 DB
74LV245 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV245 PW
74LV245PW DH
SOT360-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
DIR
Direction
2, 3, 4, 5,
6, 7, 8, 9
A0 to A7
Data inputs/outputs
10
GND
Ground (0 V)
18, 17, 16, 15,
14, 13, 12, 11
B0 to B7
Data inputs/outputs
19
OE
Output enable input (active LOW)
20
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
INPUTS/OUTPUT
OE
DIR
An
Bn
L
L
A = B
Inputs
L
H
Inputs
B = A
H
X
Z
Z
NOTES:
H =
HIGH voltage level
L
=
LOW voltage level
X =
don’t care
Z =
high impedance OFF-state


Podobny numer części - 74LV245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV245 NEXPERIA-74LV245 Datasheet
242Kb / 13P
   Octal bus transceiver; 3-state
Rev. 5 - 28 September 2021
logo
Texas Instruments
74LV245A TI-74LV245A Datasheet
472Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LV245A NEXPERIA-74LV245A Datasheet
738Kb / 14P
   Octal bus transceiver; 3-state
Rev. 2 - 3 November 2016
74LV245APW NEXPERIA-74LV245APW Datasheet
738Kb / 14P
   Octal bus transceiver; 3-state
Rev. 2 - 3 November 2016
74LV245AT NEXPERIA-74LV245AT Datasheet
734Kb / 13P
   Octal bus transceiver; 3-state
More results

Podobny opis - 74LV245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com