Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV245D Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV245D
Szczegółowy opis  Octal bus transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV245D Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV245D Datasheet HTML 2Page - NXP Semiconductors 74LV245D Datasheet HTML 3Page - NXP Semiconductors 74LV245D Datasheet HTML 4Page - NXP Semiconductors 74LV245D Datasheet HTML 5Page - NXP Semiconductors 74LV245D Datasheet HTML 6Page - NXP Semiconductors 74LV245D Datasheet HTML 7Page - NXP Semiconductors 74LV245D Datasheet HTML 8Page - NXP Semiconductors 74LV245D Datasheet HTML 9Page - NXP Semiconductors 74LV245D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV245
Octal bus transceiver (3-State)
1998 Apr 20
6
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
45
28
Propagation delay
2.0
15
28
34
tPHL/tPLH
Pro agation delay
An to Bn;
B tA
Figures 1
2.7
11
19
24
ns
Bn to An
3.0 to 3.6
92
16
20
4.5 to 5.5
83
11
14
1.2
55
3-State output enable time
2.0
19
31
39
tPZH/tPZL
3-State out ut enable time
OE to An;
OE tB
Figures 2
2.7
14
23
29
ns
OE to Bn
3.0 to 3.6
102
18
23
4.5 to 5.5
8.53
14
18
1.2
65
3-State output disable time
OE tA
2.0
24
32
39
tPHZ/tPLZ
OE to An;
OE to Bn
Figures 2
2.7
18
24
29
ns
OE to Bn
3.0 to 3.6
142
20
24
4.5 to 5.5
11.53
16
19
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3 V.
3. Typical values are measured at VCC = 5.0 V.
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V and ≤ 3.6 V
VM = 0.5 V × VCC at VCC < 2.7 V and ≥ 4.5 V
VOL and VOH are the typical output voltage drop that occur with the output load.
VX = VOL + 0.3 V at VCC ≥ 2.7 V and ≤ 3.6 V
VX = VOL + 0.1 × VCC at VCC < 2.7 V and ≥ 4.5 V
VY = VOH – 0.3 V at VCC ≥ 2.7V and ≤ 3.6 V
VY = VOH – 0.1 × VCC at VCC < 2.7 V and ≥ 4.5 V
SV00627
VM
An, Bn INPUT
Bn, An OUTPUT
VM
tPLH
tPHL
Figure 1. Input (An, Bn) to output
(Bn, An) propagation delays and the output transition times.
SV00628
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
VM
VM
VM
OE INPUT
HIGH-to-OFF
OFF-to-HIGH
LOW-to-OFF
OFF-to-LOW
VX
VY
GND
VCC
OUTPUT
VI
VOL
VOH
OUTPUT
GND
Figure 2. 3-State enable and disable times.


Podobny numer części - 74LV245D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV245D NEXPERIA-74LV245D Datasheet
242Kb / 13P
   Octal bus transceiver; 3-state
Rev. 5 - 28 September 2021
More results

Podobny opis - 74LV245D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com