Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV257 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LV257
Szczegółowy opis  Quad 2-input multiplexer 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV257 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LV257 Datasheet HTML 3Page - NXP Semiconductors 74LV257 Datasheet HTML 4Page - NXP Semiconductors 74LV257 Datasheet HTML 5Page - NXP Semiconductors 74LV257 Datasheet HTML 6Page - NXP Semiconductors 74LV257 Datasheet HTML 7Page - NXP Semiconductors 74LV257 Datasheet HTML 8Page - NXP Semiconductors 74LV257 Datasheet HTML 9Page - NXP Semiconductors 74LV257 Datasheet HTML 10Page - NXP Semiconductors 74LV257 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LV257
Quad 2-input multiplexer (3-State)
1998 May 20
7
TEST CIRCUIT
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
RL= 1KΩ
VCC
Test Circuit for switching times
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
tPLH/tPHL
RT = Termination resistance should be equal to ZOUT of pulse generators.
2.7V
2.7–3.6V
SV00776
50pF
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
Figure 3. Load circuitry for switching times.


Podobny numer części - 74LV257

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74LV251D PHILIPS-74LV251D Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74LV251DB PHILIPS-74LV251DB Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74LV251N PHILIPS-74LV251N Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74LV251PW PHILIPS-74LV251PW Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
More results

Podobny opis - 74LV257

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com