Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV259 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LV259
Szczegółowy opis  8-bit addressable latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV259 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LV259 Datasheet HTML 3Page - NXP Semiconductors 74LV259 Datasheet HTML 4Page - NXP Semiconductors 74LV259 Datasheet HTML 5Page - NXP Semiconductors 74LV259 Datasheet HTML 6Page - NXP Semiconductors 74LV259 Datasheet HTML 7Page - NXP Semiconductors 74LV259 Datasheet HTML 8Page - NXP Semiconductors 74LV259 Datasheet HTML 9Page - NXP Semiconductors 74LV259 Datasheet HTML 10Page - NXP Semiconductors 74LV259 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74LV259
8-bit addressable latch
1998 May 20
7
AC CHARACTERISTICS (Continued)
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
SYMBOL
PARAMETER
WAVEFORM
VCC(V)
MIN
TYP1
MAX
MIN
MAX
UNIT
1.2
–20
t
Hold time
Figure 6
2.0
5
–7
5
ns
th
An to LE
Figure 6
2.7
5
–5
5
ns
3.0 to 3.6
5
–42
5
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3 V.
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V and ≤ 3.6V;
VM = 0.5 × VCC at VCC < 2.7 V and ≥ 4.5 V.
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV01605
VM
LE INPUT
Dn INPUT
VCC
VCC
GND
GND
VOL
VOH
Qn OUTPUT
VM
tPLH
tPHL
tW
Figure 1. Enable input (LE) to output (Qn) propagation delays
and the enable input pulse width.
SV01608
VM
Dn INPUT
Qn OUTPUT
VM
tPLH
tPHL
GND
VCC
VOL
VOH
Figure 2. Data input (D) to output (Qn) propagation delays.
SV01607
VM
An INPUT
GND
VOH
VOL
VCC
Qn OUTPUT
VM
tPLH
tPHL
Figure 3. Address inputs (An) to output (Qn)
propagation delays.
SV001606
VM
MR INPUT
VCC
GND
VOL
VOH
Qn OUTPUT
VM
tPHL
tW
Figure 4. Conditional reset input (MR) to output (Qn)
propagation delays.


Podobny numer części - 74LV259

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV259 NXP-74LV259 Datasheet
115Kb / 19P
   8-bit addressable latch
Rev. 03-2 January 2008
74LV259BQ NXP-74LV259BQ Datasheet
115Kb / 19P
   8-bit addressable latch
Rev. 03-2 January 2008
74LV259D NXP-74LV259D Datasheet
115Kb / 19P
   8-bit addressable latch
Rev. 03-2 January 2008
74LV259DB NXP-74LV259DB Datasheet
115Kb / 19P
   8-bit addressable latch
Rev. 03-2 January 2008
74LV259N NXP-74LV259N Datasheet
115Kb / 19P
   8-bit addressable latch
Rev. 03-2 January 2008
More results

Podobny opis - 74LV259

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com