Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV257D Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV257D
Szczegółowy opis  Quad 2-input multiplexer 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV257D Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV257D Datasheet HTML 1Page - NXP Semiconductors 74LV257D Datasheet HTML 2Page - NXP Semiconductors 74LV257D Datasheet HTML 3Page - NXP Semiconductors 74LV257D Datasheet HTML 4Page - NXP Semiconductors 74LV257D Datasheet HTML 5Page - NXP Semiconductors 74LV257D Datasheet HTML 6Page - NXP Semiconductors 74LV257D Datasheet HTML 7Page - NXP Semiconductors 74LV257D Datasheet HTML 8Page - NXP Semiconductors 74LV257D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV257
Quad 2-input multiplexer (3-State)
1998 May 20
5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
HIGH l
l I
t
VCC = 1.2 V
0.9
0.9
VIH
HIGH level Input
voltage
VCC = 2.0 V
1.4
1.4
V
voltage
VCC = 2.7 to 3.6 V
2.0
2.0
LOW l
l I
t
VCC = 1.2 V
0.3
0.3
VIL
LOW level Input
voltage
VCC = 2.0 V
0.6
0.6
V
voltage
VCC = 2.7 to 3.6 V
0.8
0.8
VCC = 1.2 V; VI = VIH or VIL; –IO = 100µA
1.2
VO
HIGH level output
VCC = 2.0 V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
V
VOH
voltage; all outputs
VCC = 2.7 V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
VCC = 3.0 V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VOH
HIGH level output
voltage; BUS driver
outputs
VCC = 3.0 V; VI = VIH or VIL; –IO = 8mA
2.40
2.82
2.20
V
VCC = 1.2 V; VI = VIH or VIL; IO = 100µA
0
VO
LOW level output
VCC = 2.0 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VOL
voltage; all outputs
VCC = 2.7 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VCC = 3.0 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage; BUS driver
outputs
VCC = 3.0 V; VI = VIH or VIL; IO = 8mA
0.20
0.40
0.50
V
II
Input leakage
current
VCC = 3.6 V; VI = VCC or GND
1.0
1.0
µA
IOZ
3-State output
OFF-state current
VCC = 3.6 V; VI = VIH or VIL;
VO = VCC or GND
5
10
µA
ICC
Quiescent supply
current; MSI
VCC = 3.6 V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7 V to 3.6 V; VI = VCC – 0.6 V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.


Podobny numer części - 74LV257D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74LV251D PHILIPS-74LV251D Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74LV251DB PHILIPS-74LV251DB Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74LV251N PHILIPS-74LV251N Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74LV251PW PHILIPS-74LV251PW Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
More results

Podobny opis - 74LV257D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com