Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV273 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV273
Szczegółowy opis  Octal D-type flip-flop with reset; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV273 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV273 Datasheet HTML 2Page - NXP Semiconductors 74LV273 Datasheet HTML 3Page - NXP Semiconductors 74LV273 Datasheet HTML 4Page - NXP Semiconductors 74LV273 Datasheet HTML 5Page - NXP Semiconductors 74LV273 Datasheet HTML 6Page - NXP Semiconductors 74LV273 Datasheet HTML 7Page - NXP Semiconductors 74LV273 Datasheet HTML 8Page - NXP Semiconductors 74LV273 Datasheet HTML 9Page - NXP Semiconductors 74LV273 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV273
Octal D-type flip-flop with reset; positive edge-trigger
1998 May 29
6
DC CHARACTERISTICS FOR THE LV FAMILY (Continued)
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
II
Input leakage
current
VCC = 5.5V; VI = VCC or GND
1.0
1.0
µA
ICC
Quiescent supply
current; MSI
VCC = 5.5V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7V to 3.6V; VI = VCC –0.6V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.
AC CHARACTERISTICS
GND = 0V; tr = tf = 2.5ns; CL = 50pF; RL = 1KΩ
SYMBOL
PARAMETER
WAVEFORM
CONDITION
LIMITS
–40 to +85
°C
LIMITS
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
75
Propagation delay
2.0
26
32
41
tPHL/tPLH
Propagation delay
CP to Qn
Figure 1
2.7
19
24
30
ns
CP to Qn
3.0 to 3.6
142
19
24
4.5 to 5.5
16
20
1.2
80
Propagation delay
2.0
27
44
56
tPHL
Propagation delay
MR to Qn
Figure 2
2.7
20
33
41
ns
MR to Qn
3.0 to 3.6
152
26
33
4.5 to 5.5
22
28
Clock pulse width
2.0
34
9
41
tW
Clock pulse width
HIGH or LOW
Figure 1
2.7
25
6
30
ns
HIGH or LOW
3.0 to 3.6
20
52
24
Master reset pulse
2.0
34
10
41
tW
Master reset pulse
width LOW
Figure 2
2.7
25
8
30
ns
width LOW
3.0 to 3.6
20
62
24
1.2
–10
t
Removal time
Figure 2
2.0
5
–4
5
ns
trem
MR to CP
Figure 2
2.7
5
–3
5
ns
3.0 to 3.6
5
–22
5
1.2
20
t
Set-up time
Figure 3
2.0
22
7
26
ns
tsu
Dn to CP
Figure 3
2.7
16
5
19
ns
3.0 to 3.6
13
42
15
1.2
–10
th
Hold time
Figure 3
2.0
5
–4
5
ns
th
Dn to CP
Figure 3
2.7
5
–3
5
ns
3.0 to 3.6
5
–22
5
Maximum clock
2.0
14
40
12
fmax
Maximum clock
pulse frequency
Figure 1
2.7
19
75
16
MHz
ulse frequency
3.0 to 3.6
24
1002
20
NOTE:
1. Unless otherwise stated, all typical values are at Tamb = 25°C.
2. Typical value measured at VCC = 3.3V.
3. Typical value measured at VCC = 5.0V.


Podobny numer części - 74LV273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV27 PHILIPS-74LV27 Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27D PHILIPS-74LV27D Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27DB PHILIPS-74LV27DB Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27N PHILIPS-74LV27N Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27PW PHILIPS-74LV27PW Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
More results

Podobny opis - 74LV273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com