Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV273 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74LV273
Szczegółowy opis  Octal D-type flip-flop with reset; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV273 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74LV273 Datasheet HTML 1Page - NXP Semiconductors 74LV273 Datasheet HTML 2Page - NXP Semiconductors 74LV273 Datasheet HTML 3Page - NXP Semiconductors 74LV273 Datasheet HTML 4Page - NXP Semiconductors 74LV273 Datasheet HTML 5Page - NXP Semiconductors 74LV273 Datasheet HTML 6Page - NXP Semiconductors 74LV273 Datasheet HTML 7Page - NXP Semiconductors 74LV273 Datasheet HTML 8Page - NXP Semiconductors 74LV273 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LV273
Octal D-type flip-flop with reset; positive edge-trigger
1998 May 29
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
MR
Q0
D0
D1
Q1
Q2
D2
D3
Q3
Q4
GND
D4
D5
Q5
Q6
D6
D7
Q7
VCC
CP
SV00366
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
MR
Master reset input (active-LOW)
2, 5, 6, 9, 12,
15, 16, 19
Q0 to Q7
Flip-flop outputs
3, 4, 7, 8, 13,
14, 17, 18
D0 to D7
Data inputs
10
GND
Ground (0V)
11
CP
Clock input (LOW-to-HIGH, edge-
triggered)
20
VCC
Positive supply voltage
LOGIC SYMBOL
3
4
7
8
13
14
17
18
2
5
6
9
12
15
16
19
11
CP
MR
D0
D1
D2
D3
D4
D5
D6
D7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
1
SV00367
LOGIC SYMBOL (IEEE/IEC)
1
3
2
4
7
6
89
R
11
C1
13
12
14
15
17
16
18
19
1D
SV00368
5


Podobny numer części - 74LV273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV27 PHILIPS-74LV27 Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27D PHILIPS-74LV27D Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27DB PHILIPS-74LV27DB Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27N PHILIPS-74LV27N Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27PW PHILIPS-74LV27PW Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
More results

Podobny opis - 74LV273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com