Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV273 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74LV273
Szczegółowy opis  Octal D-type flip-flop with reset; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV273 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74LV273 Datasheet HTML 1Page - NXP Semiconductors 74LV273 Datasheet HTML 2Page - NXP Semiconductors 74LV273 Datasheet HTML 3Page - NXP Semiconductors 74LV273 Datasheet HTML 4Page - NXP Semiconductors 74LV273 Datasheet HTML 5Page - NXP Semiconductors 74LV273 Datasheet HTML 6Page - NXP Semiconductors 74LV273 Datasheet HTML 7Page - NXP Semiconductors 74LV273 Datasheet HTML 8Page - NXP Semiconductors 74LV273 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74LV273
Octal D-type flip-flop with reset; positive edge-trigger
1998 May 29
4
FUNCTIONAL DIAGRAM
17
D6
16
18
19
D7
Q6
Q7
8D3
SV00369
3
4
76
5
2
9
13
12
14
15
D0
D1
D2
D4
D5
Q0
Q1
Q2
Q3
Q4
Q5
FF0
to
FF7
MR
1
11
CP
FUNCTION TABLE
OPERATING MODES
INPUTS
OUTPUTS
OPERATING MODES
MR
CP
Dn
Q0 to Q7
Reset (clear)
L
X
X
L
Load (‘1’)
H
h
H
Load (‘0’)
H
l
L
H
= HIGH voltage level
h
= HIGH voltage level one set-up time prior to the
LOW-to-HIGH CP transition
L
= LOW voltage level
l
= LOW voltage level one set-up time prior to the
LOW-to-HIGH CP transition
= LOW–to–HIGH clock transition
X
= Don’t care
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCC
DC supply voltage
See Note1
1.0
3.3
5.5
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free
air
See DC and AC
characteristics
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
VCC = 3.6V to 5.5V
500
200
100
50
ns/V
NOTES:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 5.5V.


Podobny numer części - 74LV273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV27 PHILIPS-74LV27 Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27D PHILIPS-74LV27D Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27DB PHILIPS-74LV27DB Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27N PHILIPS-74LV27N Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27PW PHILIPS-74LV27PW Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
More results

Podobny opis - 74LV273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com