Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV32 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74LV32
Szczegółowy opis  Quad 2-input OR gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV32 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74LV32 Datasheet HTML 1Page - NXP Semiconductors 74LV32 Datasheet HTML 2Page - NXP Semiconductors 74LV32 Datasheet HTML 3Page - NXP Semiconductors 74LV32 Datasheet HTML 4Page - NXP Semiconductors 74LV32 Datasheet HTML 5Page - NXP Semiconductors 74LV32 Datasheet HTML 6Page - NXP Semiconductors 74LV32 Datasheet HTML 7Page - NXP Semiconductors 74LV32 Datasheet HTML 8Page - NXP Semiconductors 74LV32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LV32
Quad 2-input OR gate
1998 Apr 20
3
PIN CONFIGURATION
1
2
3
4
5
6
7
1A
1B
1Y
2A
2B
2Y
GND
V
CC
4B
4A
4Y
3B
3A
3Y
14
13
12
11
10
9
8
SV00450
LOGIC SYMBOL (IEEE/IEC)
1
4
9
12
2
5
10
13
3
6
8
11
1
1
1
1
SV00453
LOGIC SYMBOL
1A
1B
2A
2B
4B
4A
3B
3A
1Y
2Y
3Y
4Y
1
2
4
5
13
12
10
9
3
6
11
8
SV00452
LOGIC DIAGRAM (ONE GATE)
A
B
Y
SV00454
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCC
DC supply voltage
See Note1
1.0
3.3
5.5
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free air
See DC and AC
characteristics
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
VCC = 3.6V to 5.5V
500
200
100
50
ns/V
NOTE:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 5.5V.


Podobny numer części - 74LV32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV32 NXP-74LV32 Datasheet
95Kb / 15P
   Quad 2-input OR gate
Rev. 03-9 November 2007
logo
Texas Instruments
74LV32A TI-74LV32A Datasheet
648Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Diodes Incorporated
74LV32A DIODES-74LV32A Datasheet
294Kb / 9P
   QUADRUPLE 2-INPUT OR GATES
logo
Nexperia B.V. All right...
74LV32A NEXPERIA-74LV32A Datasheet
192Kb / 10P
   Quad 2-input OR gate
Rev. 1 - 19 December 2018
74LV32APW NEXPERIA-74LV32APW Datasheet
192Kb / 10P
   Quad 2-input OR gate
Rev. 1 - 19 December 2018
More results

Podobny opis - 74LV32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com