Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV32D Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV32D
Szczegółowy opis  Quad 2-input OR gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV32D Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV32D Datasheet HTML 1Page - NXP Semiconductors 74LV32D Datasheet HTML 2Page - NXP Semiconductors 74LV32D Datasheet HTML 3Page - NXP Semiconductors 74LV32D Datasheet HTML 4Page - NXP Semiconductors 74LV32D Datasheet HTML 5Page - NXP Semiconductors 74LV32D Datasheet HTML 6Page - NXP Semiconductors 74LV32D Datasheet HTML 7Page - NXP Semiconductors 74LV32D Datasheet HTML 8Page - NXP Semiconductors 74LV32D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LV32
Quad 2-input OR gate
1998 Apr 20
5
DC ELECTRICAL CHARACTERISTICS (Continued)
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
ICC
Quiescent supply
current; SSI
VCC = 5.5V; VI = VCC or GND; IO = 0
20.0
40
µA
∆ICC
Additional
quiescent supply
current
VCC = 2.7V to 3.6V; VI = VCC –0.6V
500
850
µA
NOTES:
1. All typical values are measured at Tamb = 25°C.
AC CHARACTERISTICS
GND = 0V; tr = tf = 2.5ns; CL = 50pF; RL = 500Ω
SYMBOL
PARAMETER
WAVEFORM
CONDITION
LIMITS
–40 to +85
°C
LIMITS
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
40
Propagation delay
2.0
14
22
28
tPHL/PLH
Propagation delay
nA, nB to nY
Figures 1, 2
2.7
10
16
20
ns
nA, nB to nY
3.0 to 3.6
82
13
16
4.5 to 5.5
10
13
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3 V.
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V and ≤ 3.6 V;
VM = 0.5 V × VCC at VCC < 2.7 V and ≥ 4.5 V;
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00414
VM
nA, nB INPUT
nY OUTPUT
VM
tPLH
t PHL
GND
Vl
VOL
VOH
Figure 1. Input (nA, nB) to output (nY) propagation delays
and output transition times.
TEST CIRCUIT
PULSE
GENERATOR
RT
Vl
D.U.T.
VO
CL
RL= 1k
Vcc
Test Circuit for Outputs
DEFINITIONS
VCC
VI
< 2.7V
2.7–3.6V
VCC
2.7V
TEST
tPLH/tPHL
≥ 4.5 V
VCC
RL = Load resistor
CL = Load capacitance includes jig and probe capacitiance
50pF
RT = Termination resistance should be equal to ZOUT of pulse generators.
SV00902
Figure 2. Load circuitry for switching times.


Podobny numer części - 74LV32D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV32D NXP-74LV32D Datasheet
95Kb / 15P
   Quad 2-input OR gate
Rev. 03-9 November 2007
74LV32DB NXP-74LV32DB Datasheet
95Kb / 15P
   Quad 2-input OR gate
Rev. 03-9 November 2007
More results

Podobny opis - 74LV32D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com