Zakładka z wyszukiwarką danych komponentów |
|
74LV367 Arkusz danych(PDF) 6 Page - NXP Semiconductors |
|
74LV367 Arkusz danych(HTML) 6 Page - NXP Semiconductors |
6 / 12 page Philips Semiconductors Product specification 74LV367 Hex buffer/line driver (3-State) 1998 May 29 6 AC CHARACTERISTICS GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KW CONDITION LIMITS SYMBOL PARAMETER WAVEFORM CONDITION –40 to +85 °C –40 to +125 °C UNIT VCC(V) MIN TYP1 MAX MIN MAX 1.2 – 50 – – – t /t Propagation delay Figure 1 2.0 – 17 32 – 39 ns tPHL/tPLH gy nA to nY Figure 1 2.7 – 13 24 – 29 ns 3.0 to 3.6 – 102 19 – 23 1.2 – 80 – – – t /t 3-State output enable time Figure 2 2.0 – 27 51 – 60 ns tPZH/tPZL enable time nOE to nY Figure 2 2.7 – 20 38 – 44 ns 3.0 to 3.6 – 152 30 – 36 1.2 – 90 – – – t /t 3-State output disable time Figure 2 2.0 – 32 59 – 70 ns tPHZ/tPLZ disable time nOE to nY Figure 2 2.7 – 24 44 – 52 ns 3.0 to 3.6 – 192 36 – 42 NOTES: 1. All typical values are measured at Tamb = 25°C 2. Typical values are measured at VCC = 3.3V AC WAVEFORMS VM = 1.5V at VCC w 2.7V VM = 0.5V * VCC at VCC t 2.7V VOL and VOH are the typical output voltage drop that occur with the output load. VX = VOL + 0.3V at VCC w 2.7V VX = VOL 0.1VCC at VCC < 2.7V VY = VOH – 0.3V at VCC w 2.7V VY = VOH – 0.1VCC at VCC < 2.7V VM VM nA INPUT nY OUTPUT GND VOL VI VOH tPLH tPHL SV00654 Figure 1. Input (nA) to output (nY) propagation delays. OUTPUT HIGH–to–OFF OFF–to–HIGH OUTPUT LOW–to–OFF OFF–to–LOW outputs disabled outputs enabled outputs enabled tPHZ tPZH tPZL tPLZ VX VOL VOH VY GND GND VCC VI VM VM VM nOE INPUT SV00655 Figure 2. 3-State enable and disable times. |
Podobny numer części - 74LV367 |
|
Podobny opis - 74LV367 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |