Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV367 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LV367
Szczegółowy opis  Hex buffer/line driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV367 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LV367 Datasheet HTML 3Page - NXP Semiconductors 74LV367 Datasheet HTML 4Page - NXP Semiconductors 74LV367 Datasheet HTML 5Page - NXP Semiconductors 74LV367 Datasheet HTML 6Page - NXP Semiconductors 74LV367 Datasheet HTML 7Page - NXP Semiconductors 74LV367 Datasheet HTML 8Page - NXP Semiconductors 74LV367 Datasheet HTML 9Page - NXP Semiconductors 74LV367 Datasheet HTML 10Page - NXP Semiconductors 74LV367 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LV367
Hex buffer/line driver (3-State)
1998 May 29
7
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
RL = 1k
Test Circuit for switching times
Open
GND
S1
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of pulse generators.
2
< VCC
tPLZ/tPZL
2.7V
2.7–3.6V
tPHZ/tPZH
GND
50pF
SV00895
RL = 1k
2 * VCC
Figure 3. Load circuitry for switching times.


Podobny numer części - 74LV367

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV367A TI-74LV367A Datasheet
341Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - 74LV367

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
   Hex buffer/line driver; 3-state
logo
List of Unclassifed Man...
74HC367 ETC1-74HC367 Datasheet
173Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74HCT365 NEXPERIA-74HCT365 Datasheet
275Kb / 17P
   Hex buffer/line driver; 3-state
Rev. 6 - 28 July 2021
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
List of Unclassifed Man...
74HC365 ETC1-74HC365 Datasheet
166Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74HCT367 NEXPERIA-74HCT367 Datasheet
242Kb / 14P
   Hex buffer/line driver; 3-state
Rev. 4 - 24 February 2021
logo
NXP Semiconductors
74HC_HCT365 PHILIPS-74HC_HCT365_15 Datasheet
180Kb / 21P
   Hex buffer/line driver; 3-state
Rev. 3-5 September 2012
74HC367 PHILIPS-74HC367 Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74HC_HCT367_CNV PHILIPS-74HC_HCT367_CNV_15 Datasheet
52Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com