Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV368 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV368
Szczegółowy opis  Hex buffer/line driver; inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV368 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV368 Datasheet HTML 2Page - NXP Semiconductors 74LV368 Datasheet HTML 3Page - NXP Semiconductors 74LV368 Datasheet HTML 4Page - NXP Semiconductors 74LV368 Datasheet HTML 5Page - NXP Semiconductors 74LV368 Datasheet HTML 6Page - NXP Semiconductors 74LV368 Datasheet HTML 7Page - NXP Semiconductors 74LV368 Datasheet HTML 8Page - NXP Semiconductors 74LV368 Datasheet HTML 9Page - NXP Semiconductors 74LV368 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV368
Hex buffer/line driver; inverting (3-State)
1998 May 29
6
AC CHARACTERISTICS
GND = 0V; tr = tf = 2.5ns; CL = 50pF; RL = 1KΩ
SYMBOL
PARAMETER
WAVEFORM
CONDITION
LIMITS
–40 to +85
°C
LIMITS
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
55
tPZL/tPLH
Propagation delay
Figures 1 3
2.0
19
36
44
ns
tPZL/tPLH
gy
nA, to nY
Figures, 1, 3
2.7
14
26
33
ns
3.0 to 3.6
102
21
26
1.2
75
tPZH/tPZL
3-State output
enable time
Figures 2 3
2.0
26
49
60
ns
tPZH/tPZL
enable time
nOE to nY
Figures, 2, 3
2.7
19
36
44
ns
3.0 to 3.6
142
29
35
1.2
90
tPHZ/tPLZ
3-State output
disable time
Figures 2 3
2.0
32
59
70
ns
tPHZ/tPLZ
disable time
nOE to nY
Figures, 2, 3
2.7
24
44
52
ns
3.0 to 3.6
192
36
42
NOTE:
1
Unless otherwise stated, all typical values are at Tamb = 25°C.
2
Typical value measured at VCC = 3.3V.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V
VM = 0.5V * VCC at VCC t 2.7V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V
VX = VOL + 0.1 * VCC at VCC < 2.7V
VY = VOH – 0.3V at VCC w 2.7V
VY = VOH – 0.1VCC at VCC < 2.7V
VI
nA, nB INPUT
GND
VOH
nY OUTPUT
VOL
VM
tPHL
tPLH
VM
SV00377
Figure 1.Input (nA) to output (nY) propagation delay
outputs
disabled
SV00344
VI
OE INPUT
GND
VCC
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
VM
tPLZ
tPHZ
tPZL
VY
outputs
enabled
outputs
enabled
VX
VM
tPZH
VM
Figure 2. 3-State enable and disable times


Podobny numer części - 74LV368

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV365D PHILIPS-74LV365D Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV365DB PHILIPS-74LV365DB Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV365N PHILIPS-74LV365N Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV365PW PHILIPS-74LV365PW Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
More results

Podobny opis - 74LV368

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC368 PHILIPS-74HC368 Datasheet
47Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74HC_HCT368_CNV PHILIPS-74HC_HCT368_CNV_15 Datasheet
53Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74HC366 PHILIPS-74HC366 Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
logo
Nexperia B.V. All right...
74HCT368 NEXPERIA-74HCT368 Datasheet
244Kb / 13P
   Hex buffer/line driver; 3-state; inverting
Rev. 4 - 5 August 2021
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
   Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
74HC366 NXP-74HC366 Datasheet
128Kb / 19P
   Hex buffer/line driver; 3-state; inverting
Rev. 03-21 November 2006
logo
List of Unclassifed Man...
74HC366 ETC1-74HC366 Datasheet
168Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
74HC368 ETC1-74HC368 Datasheet
174Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
logo
Nexperia B.V. All right...
74HC366-Q100 NEXPERIA-74HC366-Q100 Datasheet
725Kb / 19P
   Hex buffer/line driver; 3-state; inverting
74HCT366 NEXPERIA-74HCT366 Datasheet
272Kb / 17P
   Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com