Zakładka z wyszukiwarką danych komponentów |
|
74LV374 Arkusz danych(PDF) 8 Page - NXP Semiconductors |
|
74LV374 Arkusz danych(HTML) 8 Page - NXP Semiconductors |
8 / 12 page Philips Semiconductors Product specification 74LV374 Octal D-type flip-flop; positive edge-trigger (3-State) 1997 Mar 20 8 TEST CIRCUIT VM VM tW NEGATIVE PULSE 10% 10% 90% 90% 0V VM VM tW VI POSITIVE PULSE 90% 90% 10% 10% 0V tTHL (tf) tTLH (tr)tTHL (tf) tTLH (tr) VM = 1.5V Input Pulse Definition SY00044 SWITCH POSITION PULSE GENERATOR RT Vl D.U.T. VO CL= 50pF RL = 1k Vcc Test Circuit for Outputs Open GND S1 VS1 DEFINITIONS VCC VI < 2.7V 2.7–3.6V VCC 2.7V TEST S1 tPLZ/tPZL tPLH/tPHL tPHZ/tPZH VS1 Open GND VS1 ≥ 4.5 V 2 < VCC VCC 2 < VCC RL = Load resistor CL = Load capacitance includes jig and probe capacitance RT = Termination resistance should be equal to ZOUT of pulse generators. VI 2 < VCC RL = 1k Figure 4. Load circuitry for switching times |
Podobny numer części - 74LV374 |
|
Podobny opis - 74LV374 |