Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV393 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV393
Szczegółowy opis  Dual 4-bit binary ripple counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV393 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV393 Datasheet HTML 1Page - NXP Semiconductors 74LV393 Datasheet HTML 2Page - NXP Semiconductors 74LV393 Datasheet HTML 3Page - NXP Semiconductors 74LV393 Datasheet HTML 4Page - NXP Semiconductors 74LV393 Datasheet HTML 5Page - NXP Semiconductors 74LV393 Datasheet HTML 6Page - NXP Semiconductors 74LV393 Datasheet HTML 7Page - NXP Semiconductors 74LV393 Datasheet HTML 8Page - NXP Semiconductors 74LV393 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV393
Dual 4-bit binary ripple counter
1998 Jun 10
5
DC CHARACTERISTICS FOR THE LV FAMILY
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
HIGH l
l I
t
VCC = 1.2V
0.9
0.9
VIH
HIGH level Input
voltage
VCC = 2.0V
1.4
1.4
V
voltage
VCC = 2.7 to 3.6V
2.0
2.0
LOW l
l I
t
VCC = 1.2V
0.3
0.3
VIL
LOW level Input
voltage
VCC = 2.0V
0.6
0.6
V
voltage
VCC = 2.7 to 3.6V
0.8
0.8
VCC = 1.2V; VI = VIH or VIL; –IO = 100µA
1.2
HIGH level output
VCC = 2.0V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
VOH
VCC = 3.0V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
V
HIGH level output
voltage;
STANDARD
outputs
VCC = 3.0V; VI = VIH or VIL; –IO = 6mA
2.40
2.82
2.20
VCC = 1.2V; VI = VIH or VIL; IO = 100µA
0
LOW level output
VCC = 2.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
VCC = 3.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
LOW level output
voltage;
STANDARD
outputs
VCC = 3.0V; VI = VIH or VIL; IO = 6mA
0.25
0.40
0.50
II
Input leakage
current
VCC = 3.6V; VI = VCC or GND
1.0
1.0
µA
ICC
Quiescent supply
current; MSI
VCC = 3.6V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7V to 3.6V; VI = VCC – 0.6V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.


Podobny numer części - 74LV393

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
   Dual 4-bit binary ripple counter
74LV393D NEXPERIA-74LV393D Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74LV393D-Q100 NEXPERIA-74LV393D-Q100 Datasheet
746Kb / 16P
   Dual 4-bit binary ripple counter
74LV393PW NEXPERIA-74LV393PW Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
More results

Podobny opis - 74LV393

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
logo
NXP Semiconductors
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
NXP Semiconductors
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
   Dual 4-bit binary ripple counter
1988 Nov 01
logo
Nexperia B.V. All right...
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
   Dual 4-bit binary ripple counter
logo
List of Unclassifed Man...
74HC393 ETC1-74HC393 Datasheet
216Kb / 5P
   DUAL 4-BIT BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74HC393 NEXPERIA-74HC393 Datasheet
268Kb / 15P
   Dual 4-bit binary ripple counter
Rev. 8 - 22 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com