Zakładka z wyszukiwarką danych komponentów |
|
74LV377D Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
74LV377D Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 12 page Philips Semiconductors Product specification 74LV377 Octal D-type flip-flop with data enable; positive edge-trigger 1998 Jun 10 5 DC CHARACTERISTICS FOR THE LV FAMILY Over recommended operating conditions. Voltages are referenced to GND (ground = 0V). LIMITS SYMBOL PARAMETER TEST CONDITIONS -40 °C to +85°C -40 °C to +125°C UNIT MIN TYP1 MAX MIN MAX HIGH l l I t VCC = 1.2V 0.9 0.9 VIH HIGH level Input voltage VCC = 2.0V 1.4 1.4 V voltage VCC = 2.7 to 3.6V 2.0 2.0 LOW l l I t VCC = 1.2V 0.3 0.3 VIL LOW level Input voltage VCC = 2.0V 0.6 0.6 V voltage VCC = 2.7 to 3.6V 0.8 0.8 VCC = 1.2V; VI = VIH or VIL; –IO = 100µA 1.2 HIGH level output VCC = 2.0V; VI = VIH or VIL; –IO = 100µA 1.8 2.0 1.8 voltage; all outputs VCC = 2.7V; VI = VIH or VIL; –IO = 100µA 2.5 2.7 2.5 VOH VCC = 3.0V; VI = VIH or VIL; –IO = 100µA 2.8 3.0 2.8 V HIGH level output voltage; STANDARD outputs VCC = 3.0V; VI = VIH or VIL; –IO = 6mA 2.40 2.82 2.20 VCC = 1.2V; VI = VIH or VIL; IO = 100µA 0 LOW level output VCC = 2.0V; VI = VIH or VIL; IO = 100µA 0 0.2 0.2 voltage; all outputs VCC = 2.7V; VI = VIH or VIL; IO = 100µA 0 0.2 0.2 VOL VCC = 3.0V; VI = VIH or VIL; IO = 100µA 0 0.2 0.2 V LOW level output voltage; STANDARD outputs VCC = 3.0V; VI = VIH or VIL; IO = 6mA 0.25 0.40 0.50 II Input leakage current VCC = 3.6V; VI = VCC or GND 1.0 1.0 µA ICC Quiescent supply current; MSI VCC = 3.6V; VI = VCC or GND; IO = 0 20.0 160 µA ∆ICC Additional quiescent supply current per input VCC = 2.7V to 3.6V; VI = VCC – 0.6V 500 850 µA NOTE: 1. All typical values are measured at Tamb = 25°C. |
Podobny numer części - 74LV377D |
|
Podobny opis - 74LV377D |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |