Zakładka z wyszukiwarką danych komponentów |
|
74LV4051 Arkusz danych(PDF) 11 Page - NXP Semiconductors |
|
74LV4051 Arkusz danych(HTML) 11 Page - NXP Semiconductors |
11 / 18 page Philips Semiconductors Product specification 74LV4051 8-channel analog multiplexer/demultiplexer 1998 Jun 23 11 SV01739 GND Sn or E Z/Yn oscilloscope DUT CL 2RL 2RL VCC VCC 2RL Yn/Z 2RL VEE Figure 9. Test circuit for measuring crosstalk between control and any switch. NOTE TO FIGURE 8: The crosstalk is defined as follows (oscilloscope output): SV01642 V(p – p) SV01634 GND channel ON Vos dB Yn/Z 2RL VCC Z/Yn 2RL CL 0.1 mF sine-wave Figure 10. Test circuit for measuring minimum frequency response. NOTE TO FIGURE 9: Adjust input voltage to obtain 0 dBm at VOS when Fin = 1 MHz. After set-up frequency of fin is increased to obtain a reading of –3 dB at VOS. SV01637 GND channel ON Vos distortion meter Yn/Z 2RL VCC Z/Yn 2RL CL 10 mF fin = 1 kHz sine-wave Figure 11. Test circuit for measuring sine-wave distortion. SV01639 GND 2RL VCC channel OFF V is 0.1 mF Yn/Z Z/Yn dB CL 2RL VOS Figure 12. Test circuit for measuring switch “OFF” signal feed-through. |
Podobny numer części - 74LV4051 |
|
Podobny opis - 74LV4051 |