Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4052 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LV4052
Szczegółowy opis  Dual 4-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4052 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LV4052 Datasheet HTML 3Page - NXP Semiconductors 74LV4052 Datasheet HTML 4Page - NXP Semiconductors 74LV4052 Datasheet HTML 5Page - NXP Semiconductors 74LV4052 Datasheet HTML 6Page - NXP Semiconductors 74LV4052 Datasheet HTML 7Page - NXP Semiconductors 74LV4052 Datasheet HTML 8Page - NXP Semiconductors 74LV4052 Datasheet HTML 9Page - NXP Semiconductors 74LV4052 Datasheet HTML 10Page - NXP Semiconductors 74LV4052 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
74LV4052
Dual 4-channel analog multiplexer/demultiplexer
1998 Jun 23
7
DC ELECTRICAL CHARACTERISTICS (
Continued)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2 V
VI = VIH or VIL;
IS = 100 mA;
VIS = VCC
250
W
R
ON-resistance
VCC = 2.0 V
120
320
370
RON
ON resistance
(rail)
VCC = 2.7 V
VI = VIH or VIL;
75
195
225
()
VCC = 3.0 to 3.6 V
I
IH
IL
IS = 1000 mA;
V
V
70
175
205
W
VCC = 4.5 V
VIS = VCC
50
130
150
VCC = 6.0 V
45
120
135
VCC = 1.2 V
Maximum variation
VCC = 2.0 V
5
DRON
Maximum variation
of ON-resistance
b
VCC = 2.7 V
VI = VIH or VIL;
4
W
DRON
between any two
channels
VCC = 3.0 to 3.6 V
I
IH
IL
VIS = VCC to GND
4
W
channels
VCC = 4.5 V
3
VCC = 6.0 V
2
NOTES:
1. All typical values are measured at Tamb = 25°C.
2. At supply voltages approaching 1.2 V, the analog switch ON-resistance becomes extremely non-linear. Therefore, it is recommended that
these devices be used to transmit digital signals only, when using these supply voltages.
3. RON (MAX) data is preliminary.
SV01688
V
HIGH
(from select inputs)
I
is
nZ
VEE
nYn
V
is
= 0 to V
CC
– VEE
Figure 1. Test circuit for measuring ON-resistance (RON).
SV01660
A
LOW
(from select inputs)
nZ
nYn
VI = VCC or VEE
VO = VEE or VCC
A
VEE
Figure 2. Test circuit for measuring OFF-state current.
SV01661
HIGH
(from select inputs)
nZ
nYn
VI = VCC or VEE
VO
(open circuit)
A
VEE
Figure 3. Test circuit for measuring ON-state current.
SV01701
0
V
CC
= 2.0 V
V
CC
= 3.0 V
V
CC
= 4.5 V
0
1.2
2.4
3.6
V
is
(V)
4.8
60
30
120
90
150
RON
(
W)
Figure 4. Typical ON-resistance (Ron) as a function of input
voltage (Vis) for Vis = 0 to VCC – VEE.


Podobny numer części - 74LV4052

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV4052 NEXPERIA-74LV4052 Datasheet
307Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 6 - 24 September 2021
74LV4052-Q100 NEXPERIA-74LV4052-Q100 Datasheet
859Kb / 24P
   Dual 4-channel analog multiplexer/demultiplexer
74LV4052D NEXPERIA-74LV4052D Datasheet
307Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 6 - 24 September 2021
74LV4052D-Q100 NEXPERIA-74LV4052D-Q100 Datasheet
859Kb / 24P
   Dual 4-channel analog multiplexer/demultiplexer
74LV4052PW NEXPERIA-74LV4052PW Datasheet
307Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 6 - 24 September 2021
More results

Podobny opis - 74LV4052

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com