Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4052 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74LV4052
Szczegółowy opis  Dual 4-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4052 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74LV4052 Datasheet HTML 7Page - NXP Semiconductors 74LV4052 Datasheet HTML 8Page - NXP Semiconductors 74LV4052 Datasheet HTML 9Page - NXP Semiconductors 74LV4052 Datasheet HTML 10Page - NXP Semiconductors 74LV4052 Datasheet HTML 11Page - NXP Semiconductors 74LV4052 Datasheet HTML 12Page - NXP Semiconductors 74LV4052 Datasheet HTML 13Page - NXP Semiconductors 74LV4052 Datasheet HTML 14Page - NXP Semiconductors 74LV4052 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
Product specification
74LV4052
Dual 4-channel analog multiplexer/demultiplexer
1998 Jun 23
11
WAVEFORMS
NOTES:
1. VM = 1.5 V at 2.7 V ≤ VCC ≤ 3.6 V
VM = 0.5 × VCC at 2.7 V > VCC > 3.6 V
2. VOL and VOH are the typical output voltage drop that occur with
the output load
3. Vx = VOL + 0.3 V at 2.7 V ≤ VCC ≤ 3.6 V
VX = VOL + 0.1 × VCC at 2.7 V >VCC > 3.6 V
VY = VOH – 0.3 V at 2.7 V ≤ VCC ≤ 3.6 V
VY = VOH – 0.1 × VCC at 2.7 V >VCC > 3.6 V
SV01638
V M
V M
INPUTS
OUTPUTS
GND
V OL
V I
V OH
tPHL
tPLH
Figure 13. Input (Vis) to output (Vos) propagation delays.
SV01640
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
VX
VY
VM
VM
VM
INPUTS
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
OUTPUT
LOW-to-OFF
OFF-to-LOW
GND
VCC
VI
VOL
VOH
GND
Figure 14. Turn-on and turn-off times
for the inputs (Sn, E) to the output (Vos).
TEST CIRCUIT
VM
VM
tW
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
VI
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tf)
tTLH (tr)tTHL (tf)
tTLH (tr)
SY01738
PULSE
GENERATOR
RT
Vl
D.U.T.
VO
CL
Vcc
1k
W
Test Circuit for Outputs
Open
VEE
S1
2
 VCC
DEFINITIONS
VCC
VI
< 2.7V
2.7 - 3.6V
VCC
2.7V
Test
S1
tPLZ/tPZL
tPLH/tPHL
tPHZ/tPZH
2
 VCC
Open
VEE
> 3.6 V
VCC
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of
pulse generators.
VI
VIS
Pulse
VEE
VI
tr =tf =6ns, when measuring fmax, there is no constraint on
tr, tf with 50% duty factor.
1k
W
50 pF
VEE
Figure 15. Load circuitry for switching times.


Podobny numer części - 74LV4052

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV4052 NEXPERIA-74LV4052 Datasheet
307Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 6 - 24 September 2021
74LV4052-Q100 NEXPERIA-74LV4052-Q100 Datasheet
859Kb / 24P
   Dual 4-channel analog multiplexer/demultiplexer
74LV4052D NEXPERIA-74LV4052D Datasheet
307Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 6 - 24 September 2021
74LV4052D-Q100 NEXPERIA-74LV4052D-Q100 Datasheet
859Kb / 24P
   Dual 4-channel analog multiplexer/demultiplexer
74LV4052PW NEXPERIA-74LV4052PW Datasheet
307Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 6 - 24 September 2021
More results

Podobny opis - 74LV4052

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com