Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4053 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV4053
Szczegółowy opis  Triple 2-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4053 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV4053 Datasheet HTML 1Page - NXP Semiconductors 74LV4053 Datasheet HTML 2Page - NXP Semiconductors 74LV4053 Datasheet HTML 3Page - NXP Semiconductors 74LV4053 Datasheet HTML 4Page - NXP Semiconductors 74LV4053 Datasheet HTML 5Page - NXP Semiconductors 74LV4053 Datasheet HTML 6Page - NXP Semiconductors 74LV4053 Datasheet HTML 7Page - NXP Semiconductors 74LV4053 Datasheet HTML 8Page - NXP Semiconductors 74LV4053 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product specification
74LV4053
Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions, voltages are referenced to GND (ground = 0 V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2 V
0.9
0.9
HIGH level Input
VCC = 2.0 V
1.4
1.4
VIH
HIGH level Input
voltage
VCC = 2.7 to 3.6 V
2.0
2.0
V
voltage
VCC = 4.5 V
3.15
3.15
VCC = 6.0 V
4.20
4.20
VCC = 1.2 V
0.3
0.3
LOW level Input
VCC = 2.0 V
0.6
0.6
VIL
LOW level Input
voltage
VCC = 2.7 to 3.6 V
0.8
0.8
V
voltage
VCC = 4.5 V
1.35
1.35
VCC = 6.0 V
1.80
1.80
±II
Input leakage
VCC = 3.6
VI =VCC or GND
1.0
1.0
µA
±II
g
current
VCC = 6.0
VI = VCC or GND
2.0
2.0
µA
±IS
Analog switch
OFF-state current
VCC = 3.6
VI = VIH or VIL
IV IV
GND
1.0
1.0
µA
±IS
OFF-state current
per channel
VCC = 6.0
IVSI = VCC - GND
(See Figure 2)
2.0
2.0
µA
±IS
Analog switch
VCC = 3.6
VI = VIH or VIL
V IV
GND
1.0
1.0
µA
±IS
g
ON-state current
VCC = 6.0
VSI = VCC - GND
(See Figure 3)
2.0
2.0
µA
ICC
Quiescent supply
VCC = 3.6 V
VI = VCC or GND
V
GND
V
20.0
40
µA
ICC
y
current
VCC = 6.0 V
VIS = GND or VCC;
VOS = VCC or GND
40.0
80
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7 to 3.6 V
VI = VCC – 0.6 V
500
850
µA
VCC = 1.2 V
IS = 100 mA;
VIS = VCC to GND;
VI = VIH or VIL
ON-resistance
VCC = 2.0 V
180
365
435
RON
ON-resistance
(peak)
VCC = 2.7 V
IS = 1000 mA;
115
225
270
W
()
VCC = 3.0 to 3.6 V
IS
1000 mA
VIS = VCC to GND;
V
V
V
100
200
245
VCC = 4.5 V
VI = VIH or VIL
75
150
180
VCC = 6.0 V
70
140
165
VCC = 1.2 V
IS = 100 mA;
VIS = GND;
VI = VIH or VIL
250
ON-resistance
VCC = 2.0 V
120
280
325
RON
ON-resistance
(rail)
VCC = 2.7 V
IS = 1000 mA;
75
170
195
W
()
VCC = 3.0 to 3.6 V
IS
1000 mA
VIS = GND;
V
V
V
70
155
180
VCC = 4.5 V
VI = VIH or VIL
50
120
135
VCC = 6.0 V
45
105
120
VCC = 1.2 V
VI = VIH or VIL;
IS = 100 mA;
VIS = VCC
350
ON-resistance
VCC = 2.0 V
170
340
400
RON
ON-resistance
(rail)
VCC = 2.7 V
VI = VIH or VIL;
105
210
250
W
()
VCC = 3.0 to 3.6 V
VI
VIH or VIL
IS = 1000 mA;
V
V
95
190
225
VCC = 4.5 V
VIS = VCC
70
140
165
VCC = 6.0 V
65
125
150


Podobny numer części - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4053 NXP-74LV4053 Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
logo
Nexperia B.V. All right...
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
logo
Texas Instruments
74LV4053A TI-74LV4053A Datasheet
820Kb / 22P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
NXP Semiconductors
74LV4053BQ NXP-74LV4053BQ Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
More results

Podobny opis - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com