Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4053 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV4053
Szczegółowy opis  Triple 2-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4053 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV4053 Datasheet HTML 2Page - NXP Semiconductors 74LV4053 Datasheet HTML 3Page - NXP Semiconductors 74LV4053 Datasheet HTML 4Page - NXP Semiconductors 74LV4053 Datasheet HTML 5Page - NXP Semiconductors 74LV4053 Datasheet HTML 6Page - NXP Semiconductors 74LV4053 Datasheet HTML 7Page - NXP Semiconductors 74LV4053 Datasheet HTML 8Page - NXP Semiconductors 74LV4053 Datasheet HTML 9Page - NXP Semiconductors 74LV4053 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
74LV4053
Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
6
DC ELECTRICAL CHARACTERISTICS (
Continued)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2 V
Maximum variation
VCC = 2.0 V
5
DRON
Maximum variation
of ON-resistance
b
VCC = 2.7 V
VI = VIH or VIL;
4
W
DRON
between any two
channels
VCC = 3.0 to 3.6 V
I
IH
IL
VIS = VCC to GND
4
W
channels
VCC = 4.5 V
3
VCC = 6.0 V
2
NOTES:
1.
All typical values are measured at Tamb = 25°C.
2.
At supply voltages approaching 1.2 V, the analog switch ON-resistance becomes extremely non-linear. Therefore, it is recommended that
these devices be used to transmit digital signals only, when using these supply voltages.
SV01688
V
HIGH
(from select inputs)
I
is
nZ
VEE
nYn
V
is
= 0 to V
CC
– VEE
Figure 1. Test circuit for measuring ON-resistance (RON).
SV01660
A
LOW
(from select inputs)
nZ
nYn
VI = VCC or VEE
VO = VEE or VCC
A
VEE
Figure 2. Test circuit for measuring OFF-state current.
SV01661
HIGH
(from select inputs)
nZ
nYn
VI = VCC or VEE
VO
(open circuit)
A
VEE
Figure 3. Test circuit for measuring ON-state current.
SV01696
0
VCC = 2.0 V
VCC = 3.0 V
VCC = 4.5 V
0
1.2
2.4
3.6
Vis (V)
4.8
60
120
180
RON
(
W)
Figure 4. Typical ON-resistance (Ron) as a function of input
voltage (Vis) for Vis = 0 to VCC – VEE.
SV01662
0
2.0
4.0
6.0
2.0
4.0
6.0
VCC – VEE
(V)
VCC – GND
(V)
operating area
Figure 5. Guaranteed operating area as a
function of the supply voltages.


Podobny numer części - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4053 NXP-74LV4053 Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
logo
Nexperia B.V. All right...
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
logo
Texas Instruments
74LV4053A TI-74LV4053A Datasheet
820Kb / 22P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
NXP Semiconductors
74LV4053BQ NXP-74LV4053BQ Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
More results

Podobny opis - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com