Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4053 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LV4053
Szczegółowy opis  Triple 2-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4053 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LV4053 Datasheet HTML 3Page - NXP Semiconductors 74LV4053 Datasheet HTML 4Page - NXP Semiconductors 74LV4053 Datasheet HTML 5Page - NXP Semiconductors 74LV4053 Datasheet HTML 6Page - NXP Semiconductors 74LV4053 Datasheet HTML 7Page - NXP Semiconductors 74LV4053 Datasheet HTML 8Page - NXP Semiconductors 74LV4053 Datasheet HTML 9Page - NXP Semiconductors 74LV4053 Datasheet HTML 10Page - NXP Semiconductors 74LV4053 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
74LV4053
Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
7
AC CHARACTERISTICS
GND = 0 V; tr = tf ≤ 2.5ns; CL = 50pF
CONDITION
LIMITS
SYMBOL
PARAMETER
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
SYMBOL
PARAMETER
VCC
(V)
OTHER
MIN
TYP1
MAX
MIN
MAX
UNIT
1.2
25
2.0
9
17
20
tPHL/tPLH
Propagation delay
2.7
RL = ∞;
CL =50 pF
6
13
15
ns
tPHL/tPLH
gy
Vis to Vos
3.0 to 3.6
CL = 50 pF
Figure 12
52
10
12
ns
4.5
Figure 12
4
9
10
6.0
3
7
8
1.2
100
2.0
RL = 1kW;
34
65
77
tPZH/tPZL
Turn-on time
2.7
RL
1k
W
CL = 50 pF
25
48
56
ns
tPZH/tPZL
E to Vos
3.0 to 3.6
L
Figures 13
d1
192
38
45
ns
4.5
and 1
17
32
38
6.0
13
25
29
1.2
125
2.0
RL = 1kW
43
82
97
tPZH/tPZL
Turn-on time
2.7
RL = 1kW
CL = 50 pF
31
60
71
ns
tPZH/tPZL
Sn to Vos
3.0 to 3.6
Figures 13
and 1
242
48
57
ns
4.5
and 1
21
41
48
6.0
16
31
37
1.2
95
2.0
RL = 1kW
34
61
73
tPHZ/tPLZ
Turn-off time
2.7
RL = 1kW
CL = 50 pF
26
46
54
ns
tPHZ/tPLZ
E to Vos
3.0 to 3.6
Figures 13
and 1
202
37
44
ns
4.5
and 1
18
32
38
6.0
15
25
30
1.2
90
2.0
RL = 1kW
32
59
70
tPHZ/tPLZ
Turn-off time
2.7
RL = 1kW
CL = 50 pF
24
44
52
ns
tPHZ/tPLZ
Sn to Vos
3.0 to 3.6
Figures 13
and 1
192
36
42
ns
4.5
and 1
17
31
36
6.0
14
24
28
NOTES:
1.
Unless otherwise stated, all typical values are measured at Tamb = 25°C
2.
Typical values are measured at VCC = 3.3 V.


Podobny numer części - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4053 NXP-74LV4053 Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
logo
Nexperia B.V. All right...
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
logo
Texas Instruments
74LV4053A TI-74LV4053A Datasheet
820Kb / 22P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
NXP Semiconductors
74LV4053BQ NXP-74LV4053BQ Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
More results

Podobny opis - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com