Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4053 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74LV4053
Szczegółowy opis  Triple 2-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4053 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74LV4053 Datasheet HTML 4Page - NXP Semiconductors 74LV4053 Datasheet HTML 5Page - NXP Semiconductors 74LV4053 Datasheet HTML 6Page - NXP Semiconductors 74LV4053 Datasheet HTML 7Page - NXP Semiconductors 74LV4053 Datasheet HTML 8Page - NXP Semiconductors 74LV4053 Datasheet HTML 9Page - NXP Semiconductors 74LV4053 Datasheet HTML 10Page - NXP Semiconductors 74LV4053 Datasheet HTML 11Page - NXP Semiconductors 74LV4053 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
74LV4053
Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
8
ADDITIONAL AC CHARACTERISTICS
Recommended conditions and typical values
GND = 0 V; tr = tf ≤ 2.5ns
SYMBOL
PARAMETER
TYP.
UNIT
VCC
(V)
Vis(p–p)
(V)
CONDITIONS
Sine-wave distortion
f = 1 kHz
0.80
0.40
%
3.0
6.0
2.75
5.50
RL = 10 kW; CL = 50 pf
Figures 9 and 10
Sine-wave distortion
f = 10 kHz
2.40
1.20
%
3.0
6.0
2.75
5.50
RL = 10 kW; CL = 50 pf
Figures 9 and 10
Switch “OFF” signal feed through
–50
–50
dB
3.0
6.0
Note 1
RL = 600 W; CL = 50 pf; f= 1 MHz
Figures 5 and 11
Crosstalk between any two
switches/multiplexers
–60
–60
dB
3.0
6.0
Note 1
RL = 600 W; CL = 50 pf; f= 1 MHz
Figure 8
V(p–p)
Crosstalk voltage between enable or
address input to any switch
(peak-to-peak value)
110
120
mV
3.0
6.0
RL = 600 W; CL = 50 pf; f= 1 MHz
(Sn or E, square wave between VCC
and GND tr = tf = 6 ns) Figure 8
fmax
Minimum frequency response
(–3 dB)
180
200
MHz
3.0
6.0
Note 2
RL = 50 W; CL = 50 pF
Figures 6, 8 and 9
CS
Maximum switch capacitance
5
pf
GENERAL NOTES:
Vis is the input voltage at nYn or nZ terminal, whichever is assigned as an input.
VOS is the output voltage at nYn or nZ terminal, whichever is assigned as an output.
NOTES:
1.
Adjust input voltage Vis is 0 dBm level (0 dBm = 1 mW into 600 W).
2.
Adjust input voltage Vis is 0 dBm level at VOS for 1 MHz (0 dBm = 1 mW into 50 W).
SV01635
(dB)
f (kHz)
0
10
10 2
10 3
10 4
10 5
10 6
–50
–100
Figure 6. Typical switch “OFF” signal feed-through as a
function of frequency.
SV01636
(dB)
f (kHz)
5
10
10 2
10 3
10 4
10 5
10 6
0
–5
Figure 7. Typical frequency response.
NOTES TO FIGURES 6 AND 7:
Test conditions: VCC = 3.0 V; GND = 0 V; VEE = -3.0V; RL = 50 W; RSOURCE = 1kW.
SV01663
GND
2RL
VCC
channel
ON
V
is
0.1
mF
RL
nYn/nZ
nZ/nYn
CL
GND
channel
OFF
(b)
(a)
Vos
dB
2RL
nYn/nZ
2RL
2RL
VCC
VCC
nZ/nYn
2RL
CL
RL
Figure 8. Test circuit for measuring crosstalk between any two switches.
(a) channel ON condition; (b) channel OFF condition.


Podobny numer części - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4053 NXP-74LV4053 Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
logo
Nexperia B.V. All right...
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
logo
Texas Instruments
74LV4053A TI-74LV4053A Datasheet
820Kb / 22P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
NXP Semiconductors
74LV4053BQ NXP-74LV4053BQ Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
More results

Podobny opis - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com