Zakładka z wyszukiwarką danych komponentów |
|
74LV4052D Arkusz danych(PDF) 7 Page - NXP Semiconductors |
|
74LV4052D Arkusz danych(HTML) 7 Page - NXP Semiconductors |
7 / 16 page Philips Semiconductors Product specification 74LV4052 Dual 4-channel analog multiplexer/demultiplexer 1998 Jun 23 7 DC ELECTRICAL CHARACTERISTICS ( Continued) LIMITS SYMBOL PARAMETER TEST CONDITIONS -40 °C to +85°C -40 °C to +125°C UNIT MIN TYP1 MAX MIN MAX VCC = 1.2 V VI = VIH or VIL; IS = 100 mA; VIS = VCC 250 W R ON-resistance VCC = 2.0 V 120 320 370 RON ON resistance (rail) VCC = 2.7 V VI = VIH or VIL; 75 195 225 () VCC = 3.0 to 3.6 V I IH IL IS = 1000 mA; V V 70 175 205 W VCC = 4.5 V VIS = VCC 50 130 150 VCC = 6.0 V 45 120 135 VCC = 1.2 V Maximum variation VCC = 2.0 V 5 DRON Maximum variation of ON-resistance b VCC = 2.7 V VI = VIH or VIL; 4 W DRON between any two channels VCC = 3.0 to 3.6 V I IH IL VIS = VCC to GND 4 W channels VCC = 4.5 V 3 VCC = 6.0 V 2 NOTES: 1. All typical values are measured at Tamb = 25°C. 2. At supply voltages approaching 1.2 V, the analog switch ON-resistance becomes extremely non-linear. Therefore, it is recommended that these devices be used to transmit digital signals only, when using these supply voltages. 3. RON (MAX) data is preliminary. SV01688 V HIGH (from select inputs) I is nZ VEE nYn V is = 0 to V CC – VEE Figure 1. Test circuit for measuring ON-resistance (RON). SV01660 A LOW (from select inputs) nZ nYn VI = VCC or VEE VO = VEE or VCC A VEE Figure 2. Test circuit for measuring OFF-state current. SV01661 HIGH (from select inputs) nZ nYn VI = VCC or VEE VO (open circuit) A VEE Figure 3. Test circuit for measuring ON-state current. SV01701 0 V CC = 2.0 V V CC = 3.0 V V CC = 4.5 V 0 1.2 2.4 3.6 V is (V) 4.8 60 30 120 90 150 RON ( W) Figure 4. Typical ON-resistance (Ron) as a function of input voltage (Vis) for Vis = 0 to VCC – VEE. |
Podobny numer części - 74LV4052D |
|
Podobny opis - 74LV4052D |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |