Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4052D Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74LV4052D
Szczegółowy opis  Dual 4-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4052D Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74LV4052D Datasheet HTML 6Page - NXP Semiconductors 74LV4052D Datasheet HTML 7Page - NXP Semiconductors 74LV4052D Datasheet HTML 8Page - NXP Semiconductors 74LV4052D Datasheet HTML 9Page - NXP Semiconductors 74LV4052D Datasheet HTML 10Page - NXP Semiconductors 74LV4052D Datasheet HTML 11Page - NXP Semiconductors 74LV4052D Datasheet HTML 12Page - NXP Semiconductors 74LV4052D Datasheet HTML 13Page - NXP Semiconductors 74LV4052D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Product specification
74LV4052
Dual 4-channel analog multiplexer/demultiplexer
1998 Jun 23
10
NOTE TO FIGURE 8:
The crosstalk is defined as follows (oscilloscope output):
SV01642
V(p – p)
SV01689
GND
VEE
2R
L
2R
L
VCC
VCC
Sn or E
nYn/nZ
nZ/nYn
2RL
2RL
CL
oscilloscope
DUT
Figure 9. Test circuit for measuring
crosstalk between control and any switch.
SV01667
GND
channel
ON
Vos
dB
nY/nZ
2RL
VCC
nZ/nY
2RL
CL
0.1 mF
~
sine-wave
Vis
Figure 10. Test circuit for measuring
minimum frequency response.
NOTE TO FIGURE 9:
Adjust input voltage to obtain 0 dBm at VOS when Fin = 1 MHz. After
set-up frequency of fin is increased to obtain a reading of –3 dB at VOS.
SV01691
GND
channel
ON
Vos
distortion
meter
nYn/nZ
2RL
VCC
nZ/nYn
2RL
CL
10
mF

fin = 1 kHz
sine-wave
Figure 11. Test circuit for measuring sine-wave distortion.
SV01692
GND
2RL
VCC
channel
OFF
V
is
0.1
mF
nYn/nZ
nZ/nYn
dB
CL
2RL
VOS
Figure 12. Test circuit for measuring
switch “OFF” signal feed-through.


Podobny numer części - 74LV4052D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV4052D NEXPERIA-74LV4052D Datasheet
307Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 6 - 24 September 2021
74LV4052D-Q100 NEXPERIA-74LV4052D-Q100 Datasheet
859Kb / 24P
   Dual 4-channel analog multiplexer/demultiplexer
More results

Podobny opis - 74LV4052D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com