Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4060 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74LV4060
Szczegółowy opis  14-stage binary ripple counter with oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4060 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74LV4060 Datasheet HTML 1Page - NXP Semiconductors 74LV4060 Datasheet HTML 2Page - NXP Semiconductors 74LV4060 Datasheet HTML 3Page - NXP Semiconductors 74LV4060 Datasheet HTML 4Page - NXP Semiconductors 74LV4060 Datasheet HTML 5Page - NXP Semiconductors 74LV4060 Datasheet HTML 6Page - NXP Semiconductors 74LV4060 Datasheet HTML 7Page - NXP Semiconductors 74LV4060 Datasheet HTML 8Page - NXP Semiconductors 74LV4060 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Philips Semiconductors
Product specification
74LV4060
14-stage binary ripple counter with oscillator
1998 Jun 23
4
DYNAMIC POWER DISSIPATION
GND = 0 V; Tamb = 25 _C
PARAMETER
VCC
(V)
TYPICAL FORMULA FOR PD (mW)1
Total dynamic power dissipation when
using the on–chip oscillator (PD)
1.2
2.0
3.0
CPD x fosc x VCC2 + S (CL x VCC2 x fo) + 2Ct x VCC2 x fosc + 16 x VCC
CPD x fosc x VCC2 + S (CL x VCC2 x fo) + 2Ct x VCC2 x fosc + 460 x VCC
CPD x fosc x VCC2 + S (CL x VCC2 x fo) + 2Ct x VCC2 x fosc + 1000 x VCC
NOTE:
1. Where: fo = output frequency in MHz; fosc = oscillator frequency in MHz;
S (CL xVCC2 xfo) = sum of the outputs; CL = output load capacitance in pF;
Ct = timing capacitance in pF; VCC = supply voltage in V.
FUNCTIONAL DIAGRAM
9
10
11
12
CTC
RTC
RS
MR
CD
CP
1
Q11
2
Q12
3
Q13
4
Q5
5
Q4
6
Q6
7
Q3
14-stage binary counter
13
Q8
14
Q7
15
Q9
SV00312
LOGIC DIAGRAM
CTC
RTC
RS
MR
Q11
Q3
Q13
Q9
FF14
FF12
FF10
FF4
CP
FF1
Q
CD
SV00313


Podobny numer części - 74LV4060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060D NEXPERIA-74LV4060D Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74LV4060D-Q100 NEXPERIA-74LV4060D-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060PW NEXPERIA-74LV4060PW Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
More results

Podobny opis - 74LV4060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com