Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4060 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74LV4060
Szczegółowy opis  14-stage binary ripple counter with oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4060 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74LV4060 Datasheet HTML 4Page - NXP Semiconductors 74LV4060 Datasheet HTML 5Page - NXP Semiconductors 74LV4060 Datasheet HTML 6Page - NXP Semiconductors 74LV4060 Datasheet HTML 7Page - NXP Semiconductors 74LV4060 Datasheet HTML 8Page - NXP Semiconductors 74LV4060 Datasheet HTML 9Page - NXP Semiconductors 74LV4060 Datasheet HTML 10Page - NXP Semiconductors 74LV4060 Datasheet HTML 11Page - NXP Semiconductors 74LV4060 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Philips Semiconductors
Product specification
74LV4060
14-stage binary ripple counter with oscillator
1998 Jun 23
8
SYMBOL
UNIT
LIMITS
TEST CONDITIONS
PARAMETER
SYMBOL
UNIT
-40
°C to +125°C
-40
°C to +85°C
TEST CONDITIONS
PARAMETER
VCC = 1.2V; VI = VIH and VI = VIL;
–IO = 6mA
HIGH level output
VCC = 2.0V; VI = VIH and VI = VIL;
–IO = 6mA
VOH
HIGH level out ut
voltage;
except RTC and
C
tt
VCC = 2.7V; VI = VIH and VI = VIL;
–IO = 6mA
V
CTC outputs
VCC = 3.0V; VI = VIH and VI = VIL;
–IO = 6mA
2.40
2.82
2.20
VCC = 4.5V; VI = VIH and VI = VIL;
–IO = 6mA
VCC = 1.2V; RS = VCC and MR = GND;
–IO = 3.4mA
LOW level output
VCC = 2.0V; RS = VCC and MR = GND;
–IO = 3.4mA
V
VOL
LOW level output
voltage;
RTC output
VCC = 2.7V; RS = VCC and MR = GND;
–IO = 3.4mA
RTC out ut
VCC = 3.0V; RS = VCC and MR = GND;
–IO = 3.4mA
0.25
0.40
0.50
V
VCC = 4.5V; RS = VCC and MR = GND;
–IO = 3.4mA
V
VCC = 1.2V; RS = VCC and MR = GND;
–IO = 100µA
0
0.2
0.2
LOW level output
VCC = 2.0V; RS = VCC and MR = GND;
–IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage;
RTC output
VCC = 2.7V; RS = VCC and MR = GND;
–IO = 100µA
V
RTC out ut
VCC = 3.0V; RS = VCC and MR = GND;
–IO = 100µA
0
0.2
0.2
VCC = 4.5V; RS = VCC and MR = GND;
–IO = 100µA
VCC = 1.2V; RS = VIH and MR = VIL;
–IO = 3.8mA
LOW level output
VCC = 2.0V; RS = VIH and MR = VIL;
–IO = 3.8mA
VOL
LOW level output
voltage;
CTC output
VCC = 2.7V; RS = VIH and MR = VIL;
–IO = 3.8mA
V
CTC out ut
VCC = 3.0V; RS = VIH and MR = VIL;
–IO = 3.8mA
0.25
0.40
0.50
VCC = 4.5V; RS = VIH and MR = VIL;
–IO = 3.8mA
VCC = 1.2V; VI = VIH and VI = VIL;
–IO = 100µA
0
0.2
0.2
LOW level output
VCC = 2.0V; VI = VIH and VI = VIL;
–IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage;
exceptRTC output
VCC = 2.7V; VI = VIH and VI = VIL;
–IO = 100µA
V
exce t RTC out ut
VCC = 3.0V; VI = VIH and VI = VIL;
–IO = 100µA
0
0.2
0.2
VCC = 4.5V; VI = VIH and VI = VIL;
–IO = 100µA


Podobny numer części - 74LV4060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060D NEXPERIA-74LV4060D Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74LV4060D-Q100 NEXPERIA-74LV4060D-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060PW NEXPERIA-74LV4060PW Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
More results

Podobny opis - 74LV4060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com