Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4066 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74LV4066
Szczegółowy opis  Quad bilateral switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4066 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74LV4066 Datasheet HTML 1Page - NXP Semiconductors 74LV4066 Datasheet HTML 2Page - NXP Semiconductors 74LV4066 Datasheet HTML 3Page - NXP Semiconductors 74LV4066 Datasheet HTML 4Page - NXP Semiconductors 74LV4066 Datasheet HTML 5Page - NXP Semiconductors 74LV4066 Datasheet HTML 6Page - NXP Semiconductors 74LV4066 Datasheet HTML 7Page - NXP Semiconductors 74LV4066 Datasheet HTML 8Page - NXP Semiconductors 74LV4066 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LV4066
Quad bilateral switches
1998 Jun 23
4
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2 V
0.90
0.90
HIGH level Input
VCC = 2.0 V
1.40
1.4
VIH
HIGH level Input
voltage
VCC = 2.7 to 3.6 V
2.00
2.0
V
voltage
VCC = 4.5 V
3.15
3.15
VCC = 6.0 V
4.20
4.20
VCC = 1.2 V
0.30
0.30
LOW level Input
VCC = 2.0 V
0.60
0.60
VIL
LOW level Input
voltage
VCC = 2.7 to 3.6 V
0.80
0.80
V
voltage
VCC = 4.5 V
1.35
1.35
VCC = 6.0 V
1.80
1.80
±II
Input leakage
current
VCC = 3.6 V; VI = VCC or GND
VCC = 6.0 V; VI = VCC or GND
1.0
2.0
1.0
2.0
µA
±IS
Analog switch
OFF-state current
per channel
VCC = 3.6 V; VI = VIH or VIL
VCC = 6.0 V; VI = VIH or VIL
1.0
2.0
1.0
2.0
µA
±IS
Analog switch
ON-state current
per channel
VCC = 3.6 V; VI = VIH or VIL
VCC = 6.0 V; VI = VIH or VIL
1.0
2.0
1.0
2.0
µA
ICC
Quiescent supply
current
VCC = 3.6V; VI = VCC or GND; IO = 0
VCC = 6.0V; VI = VCC or GND; IO = 0
20
40
40
80
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7 V to 3.6 V; VI = VCC – 0.6 V
500
850
µA
RON
ON-resistance
(peak)
VCC = 1.2 V; VI = VIH or VIL
VCC = 2.0 V; VI = VIH or VIL
VCC = 2.7 V; VI = VIH or VIL
VCC = 3.0 to 3.6 V; VI = VIH or VIL
VCC = 4.5 V; VI = VIH or VIL
VCC = 6.0 V; VI = VIH or VIL
300
60
41
37
25
23
130
60
72
52
47
150
90
83
60
54
RON
ON-resistance
(rail)
VCC = 1.2 V; VI = VIH or VIL
VCC = 2.0 V; VI = VIH or VIL
VCC = 2.7 V; VI = VIH or VIL
VCC = 3.0 to 3.6 V; VI = VIH or VIL
VCC = 4.5 V; VI = VIH or VIL
VCC = 6.0 V; VI = VIH or VIL
75
35
26
24
15
13
98
60
52
40
35
115
68
60
45
40
RON
ON-resistance
(rail)
VCC = 1.2 V; VI = VIH or VIL
VCC = 2.0 V; VI = VIH or VIL
VCC = 2.7 V; VI = VIH or VIL
VCC = 3.0 to 3.6 V; VI = VIH or VIL
VCC = 4.5 V; VI = VIH or VIL
VCC = 6.0 V; VI = VIH or VIL
75
40
35
30
22
20
110
72
65
47
40
130
85
75
55
47
∆RON
Maximum variation
of ON-resistance
between any two
channels
VCC = 1.2 V; VI = VIH or VIL
VCC = 2.0 V; VI = VIH or VIL
VCC = 2.7 V; VI = VIH or VIL
VCC = 3.0 to 3.6 V; VI = VIH or VIL
VCC = 4.5 V; VI = VIH or VIL
VCC = 6.0 V; VI = VIH or VIL
5
4
4
3
2
NOTE:
1. All typical values are measured at Tamb = 25°C.
2. At supply voltage approaching 1.2V, the analog switch ON-resistance becomes extremely non-linear. Therefore it is recommended that
these devices be used to transmit digital signals only, when using these supply voltages.


Podobny numer części - 74LV4066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
138Kb / 23P
   Quad bilateral swiches
Rev. 03-4 July 2005
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
Texas Instruments
74LV4066A TI-74LV4066A Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
Nexperia B.V. All right...
74LV4066D NEXPERIA-74LV4066D Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
74LV4066DB NEXPERIA-74LV4066DB Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
More results

Podobny opis - 74LV4066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com