Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4066 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LV4066
Szczegółowy opis  Quad bilateral switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4066 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LV4066 Datasheet HTML 1Page - NXP Semiconductors 74LV4066 Datasheet HTML 2Page - NXP Semiconductors 74LV4066 Datasheet HTML 3Page - NXP Semiconductors 74LV4066 Datasheet HTML 4Page - NXP Semiconductors 74LV4066 Datasheet HTML 5Page - NXP Semiconductors 74LV4066 Datasheet HTML 6Page - NXP Semiconductors 74LV4066 Datasheet HTML 7Page - NXP Semiconductors 74LV4066 Datasheet HTML 8Page - NXP Semiconductors 74LV4066 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LV4066
Quad bilateral switches
2
1998 Jun 23
853-2077 19619
FEATURES
Optimized for Low Voltage applications: 1.0V to 6.0V
Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
Typical V
OLP (output ground bounce) < 0.8 V at VCC = 3.3 V,
Tamb = 25 °C.
Very low typ “ON” resistance:
25
W at VCC – VEE = 4.5 V
35
W at VCC – VEE = 3.0 V
60
W at VCC – VEE = 2.0 V
Output capability: non-standard
I
CC category: SSI
DESCRIPTION
The 74LV4066 is a low-voltage Si-gate CMOS device that is pin and
function compatible with 74HC/HCT4066.
The 74LV4066 has four independent analog switches. Each switch
has two input/output terminals (nY, nZ) and an active HIGH enable
input (nE). When nE is LOW the corresponding analog switch is
turned off.
The 74LV4066 has an on resistance which is dramatically reduced
in comparison with 74HCT4066.
FUNCTION TABLE
INPUTS
SWITCH
nE
SWITCH
L
off
H
on
NOTES:
H =
HIGH voltage level
L
=
LOW voltage level
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr =tf v 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPZH/tPZL
Turn “ON” time: nE to VOS
CL = 15pF
RL =1KW
10
ns
tPHZ/tPLZ
Turn “OFF” time: nE to VOS
RL = 1KW
VCC= 3.3V
13
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per switch
Notes 1, 2
11
pF
CS
Maximum switch capacitances
8
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; Cs = maximum switch capacitance in pF;
{(CL + CS) × VCC2 × Fo} = sum of the outputs.
VCC = supply voltage in V.
2. The condition is VI = GND to VCC.
ORDERING AND PACKAGE INFORMATION
TYPE NUMBER
PACKAGES
TYPE NUMBER
PINS
PACKAGE
MATERIAL
CODE
74LV4066N
16
DIL
Plastic
SOT27-1
74LV4066D
16
SO
Plastic
SOT108-1
74LV4066DB
16
SSOP
Plastic
SOT337-1
74LV4066PW
16
TSSOP
Plastic
SOT402-1
PIN CONFIGURATION
SV01669
12
11
10
9
8
7
6
5
4
3
2
1
13
14
GND
VCC
1Y
1Z
2Z
2Y
2E
3E
1E
4E
4Y
4Z
3Z
3Y
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1, 4, 8, 11
1Y – 4Y
Independent inputs/outputs
2, 3, 9, 10
1Z – 4Z
Independent inputs/outputs
13, 5, 6, 12
1E to 4E
Enable input (active HIGH)
7
GND
Ground (0V)
14
VCC
Positive supply voltage


Podobny numer części - 74LV4066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
138Kb / 23P
   Quad bilateral swiches
Rev. 03-4 July 2005
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
Texas Instruments
74LV4066A TI-74LV4066A Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
Nexperia B.V. All right...
74LV4066D NEXPERIA-74LV4066D Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
74LV4066DB NEXPERIA-74LV4066DB Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
More results

Podobny opis - 74LV4066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com