Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4066 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74LV4066
Szczegółowy opis  Quad bilateral switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4066 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74LV4066 Datasheet HTML 1Page - NXP Semiconductors 74LV4066 Datasheet HTML 2Page - NXP Semiconductors 74LV4066 Datasheet HTML 3Page - NXP Semiconductors 74LV4066 Datasheet HTML 4Page - NXP Semiconductors 74LV4066 Datasheet HTML 5Page - NXP Semiconductors 74LV4066 Datasheet HTML 6Page - NXP Semiconductors 74LV4066 Datasheet HTML 7Page - NXP Semiconductors 74LV4066 Datasheet HTML 8Page - NXP Semiconductors 74LV4066 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LV4066
Quad bilateral switches
1998 Jun 23
3
FUNCTIONAL DIAGRAM
2
1Y
1Z
1E
1
13
3
2Y
2Z
2E
4
5
9
3Y
3Z
3E
8
6
10
4Y
4Z
4E
11
12
SV01670
IEC LOGIC SYMBOL
SV01671
1
13#
4
5#
8
11
6#
12#
2
3
9
10
1
1
13#
4
5#
8
6#
11
12#
2
3
9
10
1
1
1
1
X1
X1
X1
X1
1
1
1
(a)
(b)
SCHEMATIC DIAGRAM (ONE SWITCH)
SV01672
nE
GND
nZ
nY
VCC
VCC
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCC
DC supply voltage
See Note 1
1.0
3.3
6
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free air
See DC and AC
characteristics
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
VCC = 3.6V to 5.5V
500
200
100
50
ns/V
NOTE:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 5.5V.
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
"IIK
DC input diode current
VI < –0.5 or VI > VCC + 0.5V
20
mA
"IOK
DC output diode current
VO < –0.5 or VO > VCC + 0.5V
50
mA
"IO
DC switch current
–0.5V < VO < VCC + 0.5V
25
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
– plastic DIL
– plastic mini-pack (SO)
– plastic shrink mini-pack (SSOP and TSSOP)
for temperature range: –40 to +125
°C
above +70
°C derate linearly with 12 mW/K
above +70
°C derate linearly with 8 mW/K
above +60
°C derate linearly with 5.5 mW/K
750
500
400
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Podobny numer części - 74LV4066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
138Kb / 23P
   Quad bilateral swiches
Rev. 03-4 July 2005
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
Texas Instruments
74LV4066A TI-74LV4066A Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
Nexperia B.V. All right...
74LV4066D NEXPERIA-74LV4066D Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
74LV4066DB NEXPERIA-74LV4066DB Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
More results

Podobny opis - 74LV4066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com