Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4060D Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74LV4060D
Szczegółowy opis  14-stage binary ripple counter with oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4060D Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74LV4060D Datasheet HTML 7Page - NXP Semiconductors 74LV4060D Datasheet HTML 8Page - NXP Semiconductors 74LV4060D Datasheet HTML 9Page - NXP Semiconductors 74LV4060D Datasheet HTML 10Page - NXP Semiconductors 74LV4060D Datasheet HTML 11Page - NXP Semiconductors 74LV4060D Datasheet HTML 12Page - NXP Semiconductors 74LV4060D Datasheet HTML 13Page - NXP Semiconductors 74LV4060D Datasheet HTML 14Page - NXP Semiconductors 74LV4060D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Philips Semiconductors
Product specification
74LV4060
14-stage binary ripple counter with oscillator
1998 Jun 23
11
SV00732
Ct
C2
R2
RS
11
Rt
RTC
CTC
10
9
MR (from logic)
Figure 3.
Example of an RC oscillator. Typical formula for oscillator frequency:
f
OSC +
1
2.5xRt xCt
SV00328
10–2 Ct (mF) 10–1
Rt (W)
103
10
102
103
105
104
fosc
(Hz)
10–4
104
10–3
105
106
Figure 4.
RC oscillator frequency as a function of Rt and Ct at
VCC = 1.2 to 3.6 V; Tamb = 25°C.
Ct curve at Rt = 100 kW; R2 = 200 kW.
Rt curve at Ct = 1 nF; R2 = 2 x Rt.
TIMING COMPONENTS LIMITATIONS
The oscillator frequency is mainly determined by Rt . Ct, provided R2  2Rt and R2 . C2 % Rt . Ct. The function of R2 is to minimize the
influence of the forward voltage across the input protection diodes on the frequency. The stray capacitance C2 should be kept as small as
possible. In consideration of accuracy, Ct must be larger than the inherent stray capacitance. Rt must be larger than the ’ON’ resistance in
series with it, which typically is 280
W at VCC = 1.2 V, 130 W at VCC = 2.0 V and 100 W at VCC 3.0 V. The recommended values for these
components to maintain agreement with the typical oscillation formula are: Ct > 50pF, up to any practical value, 10 kW < Rt < 1 MW. In order to
avoid start-up problems, Rt > 1 kW.


Podobny numer części - 74LV4060D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV4060D NEXPERIA-74LV4060D Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74LV4060D-Q100 NEXPERIA-74LV4060D-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
More results

Podobny opis - 74LV4060D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com