Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4066N Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV4066N
Szczegółowy opis  Quad bilateral switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4066N Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV4066N Datasheet HTML 1Page - NXP Semiconductors 74LV4066N Datasheet HTML 2Page - NXP Semiconductors 74LV4066N Datasheet HTML 3Page - NXP Semiconductors 74LV4066N Datasheet HTML 4Page - NXP Semiconductors 74LV4066N Datasheet HTML 5Page - NXP Semiconductors 74LV4066N Datasheet HTML 6Page - NXP Semiconductors 74LV4066N Datasheet HTML 7Page - NXP Semiconductors 74LV4066N Datasheet HTML 8Page - NXP Semiconductors 74LV4066N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LV4066
Quad bilateral switches
1998 Jun 23
5
V
HIGH
(from enable inputs)
I
is
nZ
GND
nY
Vis = 0 to VCC – GND
SV01673
Figure 1. Test circuit for measuring ON-resistance (Ron).
A
LOW
(from enable inputs)
nZ
GND
nY
VI = VCC or GND
VO = GND or VCC
A
SV01674
Figure 2. Test circuit for measuring OFF-state current.
A
HIGH
(from enable inputs)
nZ
GND
nY
VI = V CC or GND
VO (open circuit)
A
SV01675
Figure 3. Test circuit for measuring ON-state current.
0
VCC= 2.0 V
VCC = 3.0 V
VCC = 4.5 V
0
1.2
2.4
3.6
Vis (V)
4.8
20
40
60
RON
(
W)
SV01676
Figure 4. Typical ON-resistance (RON) as a function of input
voltage (Vis) for Vis = 0 to VCC – VEE.
AC CHARACTERISTICS
GND = 0 V; tr = tf ≤ 2.5ns; CL = 50pF
LIMITS
CONDITION
SYMBOL
PARAMETER
–40 to +85
°C
–40 to +125
°C
UNIT
CONDITION
MIN
TYP1
MAX
MIN
MAX
VCC(V)
OTHER
8
1.2
Propagation delay
5
26
31
2.0
RL = ∞;
tPHL/tPLH
Propagation delay
Vis to Vos
32
15
18
ns
2.7 to 3.6
L
CL = 50 pF
Figure 12
Vis to Vos
2
13
15
4.5
Figure 12
2
10
12
6.0
40
1.2
Turn on time
22
43
51
2.0
RL = 1 kW;
tPZH/tPZL
Turn-on time
nE to Vos
122
25
30
ns
2.7 to 3.6
L
CL = 50 pF
Fi
13
d 14
nE to Vos
10
21
26
4.5
Figures 13 and 14
8
16
20
6.0
50
1.2
Turn off time
27
65
81
2.0
RL = 1 kW;
tPHZ/tPLZ
Turn-off time
nE to Vos
152
38
47
ns
2.7 to 3.6
L
CL = 50 pF
Fi
13
d 14
nE to Vos
13
32
40
4.5
Figures 13 and 14
12
28
34
6.0
NOTES:
1. All typical values are measured at Tamb = 25°C.
2. All typical values are measured at VCC = 3.3V.


Podobny numer części - 74LV4066N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
138Kb / 23P
   Quad bilateral swiches
Rev. 03-4 July 2005
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
Texas Instruments
74LV4066A TI-74LV4066A Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
Nexperia B.V. All right...
74LV4066D NEXPERIA-74LV4066D Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
74LV4066DB NEXPERIA-74LV4066DB Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
More results

Podobny opis - 74LV4066N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com