Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4066N Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV4066N
Szczegółowy opis  Quad bilateral switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4066N Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV4066N Datasheet HTML 2Page - NXP Semiconductors 74LV4066N Datasheet HTML 3Page - NXP Semiconductors 74LV4066N Datasheet HTML 4Page - NXP Semiconductors 74LV4066N Datasheet HTML 5Page - NXP Semiconductors 74LV4066N Datasheet HTML 6Page - NXP Semiconductors 74LV4066N Datasheet HTML 7Page - NXP Semiconductors 74LV4066N Datasheet HTML 8Page - NXP Semiconductors 74LV4066N Datasheet HTML 9Page - NXP Semiconductors 74LV4066N Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74LV4066
Quad bilateral switches
1998 Jun 23
6
ADDITIONAL AC CHARACTERISTICS
GND = 0 V; tr = tf ≤ 2.5ns; CL = 50pF
SYMBOL
PARAMETER
TYP
UNIT
VCC
(V)
VIS(P–P)
(V)
CONDITIONS
Sine-wave distortionf=1kHz
0.04
%
3.0
2.75
RL = 10 kW; CL = 50 pF
Sine-wave distortion f = 1 kHz
0.02
%
6.0
5.50
L
L
Figure 15
Sine-wave distortionf=10kHz
0.12
%
3.0
2.75
RL = 10 kW; CL = 50 pF
Sine-wave distortion f = 10 kHz
0.06
%
6.0
5.50
L
L
Figure 15
Switch “OFF” signal feed through
–50
dB
3.0
Note 1
RL = 600 kW; CL = 50 pF; f=1 MHz
Switch OFF signal feed through
–50
dB
6.0
L
L
Figures 10 and 16
Crosstalk between any two switches
–60
dB
3.0
Note 1
RL = 600 kW; CL = 50 pF; f=1 MHz
Crosstalk between any two switches
–60
dB
6.0
L
L
Figure 12
V()
Crosstalk voltage between enable or address
110
mV
3.0
RL = 600 kW; CL = 50 pF; f=1 MHz
(nE square wave between VCC and
V(p–p)
g
input to any switch (peak-to-peak value)
220
mV
6.0
(nE, square wave between VCC and
GND, Tr = tf = 6 ns) Figure 13
f
Minimum frequency response (–3 dB)
180
mHz
3.0
Note 2
RL = 50 kW; CL = 50 pF
fmax
Minimum frequency res onse (–3 dB)
200
mHz
6.0
L
L
Figures 11 and 14
CS
Maximum switch capacitance
8
pF
GENERAL NOTES:
Vis is the input voltage at nY or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at nY or nZ terminal, whichever is assigned as an output.
NOTES:
1. Adjust input voltage Vis is 0 dBm level (0 dBm = 1 mW into 600 W).
2. Adjust input voltage Vis is 0 dBm level at Vos for 1 MHz (0 dBm = 1 mW into 50 W).
(dB)
f (kHz)
0
10
102
103
104
105
106
–50
–100
SV01677
Figure 5. Typical switch “OFF” signal feed-through as a
function of frequency.
(dB)
f (kHz)
5
10
102
103
104
105
106
0
–5
SV01678
Figure 6. Typical frequency response.
NOTES TO FIGURES 5 AND 6:
Test conditions: VCC = 3.0 V; GND = 0 V; RL = 50 W; RSOURCE = 1kW.
GND
2RL
VCC
channel
ON
Vis
0.1
mF
RL
nY/nZ
nZ/nY
2RL
CL
GND
2RL
2RL
VCC
VCC
channel
OFF
(b)
(a)
nY/nZ
nZ/nY
2RL
RL
Vos
CL
dB
SV01679
Figure 7. Test circuit for measuring crosstalk between any two switches.
(a) channel ON condition; (b) channel OFF condition.


Podobny numer części - 74LV4066N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
138Kb / 23P
   Quad bilateral swiches
Rev. 03-4 July 2005
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
Texas Instruments
74LV4066A TI-74LV4066A Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
Nexperia B.V. All right...
74LV4066D NEXPERIA-74LV4066D Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
74LV4066DB NEXPERIA-74LV4066DB Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
More results

Podobny opis - 74LV4066N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com