Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4094 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LV4094
Szczegółowy opis  8-stage shift-and-store bus register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4094 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LV4094 Datasheet HTML 3Page - NXP Semiconductors 74LV4094 Datasheet HTML 4Page - NXP Semiconductors 74LV4094 Datasheet HTML 5Page - NXP Semiconductors 74LV4094 Datasheet HTML 6Page - NXP Semiconductors 74LV4094 Datasheet HTML 7Page - NXP Semiconductors 74LV4094 Datasheet HTML 8Page - NXP Semiconductors 74LV4094 Datasheet HTML 9Page - NXP Semiconductors 74LV4094 Datasheet HTML 10Page - NXP Semiconductors 74LV4094 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74LV4094
8-stage shift-and-store bus register
1998 Jun 23
7
AC CHARACTERISTICS
GND = 0 V; tr = tf ≤ 2.5ns; CL = 50pF
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
SYMBOL
PARAMETER
WAVEFORM
VCC
(V)
MIN
TYP1
MAX
MIN
MAX
UNIT
1.2
90
tPHL/tPLH
Propagation delay
2.0
31
58
70
ns
tPHL/tPLH
gy
CP to QS1
2.7
23
43
51
ns
3.0 to 3.6
172
34
41
1.2
80
tPHL/tPLH
Propagation delay
2.0
27
51
61
ns
tPHL/tPLH
gy
CP to QS2
2.7
20
38
45
ns
3.0 to 3.6
142
30
36
1.2
115
tPHL/tPLH
Propagation delay
2.0
39
75
90
ns
tPHL/tPLH
gy
CP to QPn
2.7
29
55
66
ns
3.0 to 3.6
222
44
53
1.2
105
tPHL/tPLH
Propagation delay
2.0
36
68
82
ns
tPHL/tPLH
gy
STR to QPn
2.7
26
50
60
ns
3.0 to 3.6
202
40
48
1.2
100
tPZH/tPZL
3-State Output
enable time
2.0
34
65
77
ns
tPZH/tPZL
enable time
OE to QPn
2.7
25
48
56
ns
Q n
3.0 to 3.6
192
38
45
1.2
65
tPHZ/tPLZ
3-State Output
disable time
2.0
24
40
49
ns
tPHZ/tPLZ
disable time
OE to QPn
2.7
18
32
37
ns
Q n
3.0 to 3.6
142
26
30
Clock pulse width
2.0
34
9
41
tw
Clock pulse width
HIGH or LOW
2.7
25
6
30
ns
HIGH or LOW
3.0 to 3.6
20
52
24
Strobe pulse width;
2.0
34
9
41
tw
Strobe pulse width;
HIGH
2.7
25
6
30
ns
HIGH
3.0 to 3.6
20
52
24
1.2
25
t
Set-up time
2.0
22
9
26
ns
tsu
D to CP
2.7
16
6
19
ns
3.0 to 3.6
13
52
15
1.2
50
Set-up time
2.0
43
17
51
tsu
Set-u time
CP to STR
2.7
31
13
38
ns
3.0 to 3.6
25
10
NO TAG
30


Podobny numer części - 74LV4094

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
74LV4094D NEXPERIA-74LV4094D Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
74LV4094DB NEXPERIA-74LV4094DB Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
74LV4094PW NEXPERIA-74LV4094PW Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094_15 Datasheet
205Kb / 21P
   8-stage shift-and-store bus register
Rev. 4-19 December 2011
More results

Podobny opis - 74LV4094

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com