Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV423 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74LV423
Szczegółowy opis  Dual retriggerable monostable multivibrator with reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV423 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74LV423 Datasheet HTML 4Page - NXP Semiconductors 74LV423 Datasheet HTML 5Page - NXP Semiconductors 74LV423 Datasheet HTML 6Page - NXP Semiconductors 74LV423 Datasheet HTML 7Page - NXP Semiconductors 74LV423 Datasheet HTML 8Page - NXP Semiconductors 74LV423 Datasheet HTML 9Page - NXP Semiconductors 74LV423 Datasheet HTML 10Page - NXP Semiconductors 74LV423 Datasheet HTML 11Page - NXP Semiconductors 74LV423 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Preliminary specification
74LV423
Dual retriggerable monostable multivibrator
with reset
1997 Feb 04
8
AC CHARACTERISTICS (Continued)
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
20
1000
External timing
2.0
5
1000
REXT
External timing
resistor
Figure 6
2.7
5
1000
k
resistor
3.0 to 3.6
2
1000
4.5 to 5.5
2
1000
3
2.0
CEXT
External timing
Figure 63
2.7
No limits
pF
CEXT
g
capacitor
Figure 63
3.0 to 3.6
No limits
F
4.5 to 5.5
NOTES:
1. Unless otherwise stated, all typical values are at Tamb = 25°C.
2. Typical value measured at VCC = 3.3V.
3. Typical value measured at VCC = 5.0V.
4. For other REXT and CEXT combinations see Figure 6.
if CEXT > 10 nF, the next formula is valid:
tW
= K x REXT x CEXT (typ.)
where, tW
= output pulse width in ns;
REXT = external resistor in kΩ; CEXT = external capacitor in pF;
K
= constant = 0.45 for VCC = 5.0V and 0.48 for VCC = 2.0V.
The inherent test jig and pin capacitance at pins 15 and 7 (nREXT/CEXT) is approximately 7 pF.
5. The time to retrigger the monostable multivibrator depends on the values of REXT and CEXT.
The output pulse width will only be extended when the time between the active-going edges of the
trigger pulses meets the minimum retrigger time.
If CEXT > 10 pF, the next formula (at VCC = 5.0V) for the set-up time of a retrigger pulse is valid:
trt
= 30 + 0.19R x C-9 + 13 x R1.05 (typ.)
where, trt
= retrigger time in ns;
CEXT = external capacitor in pF;
REXT = external resistor in kΩ.
The inherent test jig and pin capacitance at pins 15 and 7 (nREXT/CEXT) is approximately 7 pF.
6. When the device is powered up, initiate the device via a reset pulse, when CEXT < 50pF.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V.
VOL and VOH are the typical output voltage drop that occur
with the output load.
tW
tW
trt
tW
tW
tW
nB INPUT
nA INPUT
nQ OUTPUT
SV00139
Figure 2. Output pulse control using retrigger pulse;
nRD = HIGH.
tW
tW
nB INPUT
nRD INPUT
nQ OUTPUT
SV00164
Figure 3. Output pulse control using reset input nRD;
nA = LOW.


Podobny numer części - 74LV423

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Podobny opis - 74LV423

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com