Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV423 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74LV423
Szczegółowy opis  Dual retriggerable monostable multivibrator with reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV423 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74LV423 Datasheet HTML 6Page - NXP Semiconductors 74LV423 Datasheet HTML 7Page - NXP Semiconductors 74LV423 Datasheet HTML 8Page - NXP Semiconductors 74LV423 Datasheet HTML 9Page - NXP Semiconductors 74LV423 Datasheet HTML 10Page - NXP Semiconductors 74LV423 Datasheet HTML 11Page - NXP Semiconductors 74LV423 Datasheet HTML 12Page - NXP Semiconductors 74LV423 Datasheet HTML 13Page - NXP Semiconductors 74LV423 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Preliminary specification
74LV423
Dual retriggerable monostable multivibrator
with reset
1997 Feb 04
10
0.8
0.4
0
02
4
VCC (V)
‘K’ factor
SV00185
1
3
6
5
Figure 5. HCT typical “k” factor as a function of VCC;
CX = 10 nF; RX = 10 kW to 100 kW.
0
1102
SV00141
10
103
104
102
103
104
105
106
tW
ns
CEXT (pF)
REXT =
100k
W
50k
W
10k
W
2k
W
Figure 6. Typical output pulse width as a function of the
external capacitor values at VCC = 3.3V and Tamb = 25°C.
APPLICATION INFORMATION
Power-up considerations
When the monostable is powered-up it may produce an output
pulse, with a pulse width defined by the values of RX and CX, this
output pulse can be eliminated using the circuit shown in Figure 7.
SV00166
RX
VCC
A
B
CX
Q
Q
RESET
VCC
nCEXT
nREXT/CEXT
“423”
Figure 7. Power-up output pulse elimination circuit
Power-down considerations
A large capacitor (CX) may cause problems when powering-down
the monostable due to the energy stored in this capacitor. When a
system containing this device is power-down or a rapid decrease of
VCC to zero occurs, the monostable may sustain damage, due to the
capacitor discharging through the input protection diodes. To avoid
this possibility, use a damping diode (DX) preferably a germanium or
Schottky type diode able to withstand large current surges and
connect as shown in Figure 8.
VCC
DX
RX
CX
nREXT/CEXT
SV00154
Figure 8. Power-down protection circuit


Podobny numer części - 74LV423

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Podobny opis - 74LV423

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com