Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV423 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74LV423
Szczegółowy opis  Dual retriggerable monostable multivibrator with reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV423 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74LV423 Datasheet HTML 7Page - NXP Semiconductors 74LV423 Datasheet HTML 8Page - NXP Semiconductors 74LV423 Datasheet HTML 9Page - NXP Semiconductors 74LV423 Datasheet HTML 10Page - NXP Semiconductors 74LV423 Datasheet HTML 11Page - NXP Semiconductors 74LV423 Datasheet HTML 12Page - NXP Semiconductors 74LV423 Datasheet HTML 13Page - NXP Semiconductors 74LV423 Datasheet HTML 14Page - NXP Semiconductors 74LV423 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
Preliminary specification
74LV423
Dual retriggerable monostable multivibrator
with reset
1997 Feb 04
11
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
RL
VCC
RL
Test Circuit for switching times
Open
GND
S1
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance:
See AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
2
< VCC
2
< VCC
tPLZ/tPZL
2.7V
2.7–3.6V
tPHZ/tPZH
GND
w 4.5V
VCC
SV00755
Figure 9. Load circuitry for switching times


Podobny numer części - 74LV423

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Podobny opis - 74LV423

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com