Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV423N Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LV423N
Szczegółowy opis  Dual retriggerable monostable multivibrator with reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV423N Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LV423N Datasheet HTML 3Page - NXP Semiconductors 74LV423N Datasheet HTML 4Page - NXP Semiconductors 74LV423N Datasheet HTML 5Page - NXP Semiconductors 74LV423N Datasheet HTML 6Page - NXP Semiconductors 74LV423N Datasheet HTML 7Page - NXP Semiconductors 74LV423N Datasheet HTML 8Page - NXP Semiconductors 74LV423N Datasheet HTML 9Page - NXP Semiconductors 74LV423N Datasheet HTML 10Page - NXP Semiconductors 74LV423N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Preliminary specification
74LV423
Dual retriggerable monostable multivibrator
with reset
1997 Feb 04
7
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
150
Propagation delay
Figure 4
2.0
51
95
116
tPHL
Propagation delay
nRD,nA, nB, to nQ
Figure 4
CEXT = 0pF
R
5k
2.7
38
70
85
ns
nRD, nA, nB, to nQ
REXT = 5kΩ
3.0 to 3.6
302
56
68
4.5 to 5.5
203
38
45
1.2
150
Propagation delay
Figure 4
2.0
51
95
116
tPLH
Propagation delay
nRD,nA, nB, to nQ
Figure 4
CEXT = 0pF
R
5k
2.7
38
70
85
ns
nRD, nA, nB, to nQ
REXT = 5kΩ
3.0 to 3.6
302
56
68
4.5 to 5.5
203
38
45
1.2
120
Propagation delay
Figure 4
2.0
41
77
92
tPHL
Propagation delay
nRD to nQ (reset)
Figure 4
CEXT = 0pF
R
5k
2.7
30
56
68
ns
nRD to nQ (reset)
REXT = 5kΩ
3.0 to 3.6
242
45
54
4.5 to 5.5
183
34
41
1.2
120
Propagation delay
Figure 4
2.0
41
77
92
tPLH
Propagation delay
nRD to nQ (reset)
Figure 4
CEXT = 0pF
R
5k
2.7
30
56
68
ns
nRD to nQ (reset)
REXT = 5kΩ
3.0 to 3.6
242
45
54
4.5 to 5.5
183
34
41
2.0
30
40
tW
Trigger pulse width
Figure 4
2.7
25
30
ns
tW
gg
nA = LOW
Figure 4
3.0 to 3.6
20
25
ns
4.5 to 5.5
15
20
2.0
30
40
tW
Trigger pulse width
Figure 4
2.7
25
30
ns
tW
gg
nB = HIGH
Figure 4
3.0 to 3.6
20
62
25
ns
4.5 to 5.5
15
20
2.0
36
tW
Reset pulse width
Figure 3
2.7
30
40
ns
tW
nRD = LOW
Figure 3
3.0 to 3.6
25
30
ns
4.5 to 5.5
20
25
2.0
tW
Output pulse width
nQ = HIGH
Figures 2 3
2.7
µs
tW
nQ = HIGH
nQ = LOW
Figures 2, 3
3.0 to 3.6
4502
µs
Q
4.5 to 5.5
2.0
tW
Output pulse width
nQ = HIGH
Figures 2 3
2.7
ns
tW
nQ = HIGH
nQ = LOW
Figures 2, 3
3.0 to 3.6
752
ns
Q
4.5 to 5.5
2.0
t t
Retrigger time
Figure 2
2.7
ns
trt
gg
nA, nB
Figure 2
3.0 to 3.6
302
ns
4.5 to 5.5
NOTES ON FOLLOWING PAGE


Podobny numer części - 74LV423N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Podobny opis - 74LV423N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com