Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4316 Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74LV4316
Szczegółowy opis  Quad bilateral switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4316 Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74LV4316 Datasheet HTML 5Page - NXP Semiconductors 74LV4316 Datasheet HTML 6Page - NXP Semiconductors 74LV4316 Datasheet HTML 7Page - NXP Semiconductors 74LV4316 Datasheet HTML 8Page - NXP Semiconductors 74LV4316 Datasheet HTML 9Page - NXP Semiconductors 74LV4316 Datasheet HTML 10Page - NXP Semiconductors 74LV4316 Datasheet HTML 11Page - NXP Semiconductors 74LV4316 Datasheet HTML 12Page - NXP Semiconductors 74LV4316 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Product specification
74LV4316
Quad bilateral switches
1998 Jun 23
9
SV01666
GND
VEE
2R
L
2R
L
V
CC
V
CC
nS or E
nY/nZ
nZ/nY
2R
L
2R
L
C
L
oscilloscope
DUT
Figure 8. Test circuit for measuring
crosstalk between control and any switch.
NOTE TO FIGURE 8:
The crosstalk is defined as follows (oscilloscope output):
SV01642
V(p – p)
SV01667
GND
channel
ON
Vos
dB
nY/nZ
2RL
VCC
nZ/nY
2RL
CL
0.1 mF
~
sine-wave
Vis
Figure 9. Test circuit for measuring
minimum frequency response.
NOTE TO FIGURE 9:
Adjust input voltage to obtain 0 dBm at VOS when Fin = 1 MHz. After
set-up frequency of fin is increased to obtain a reading of –3 dB at VOS.
fin ≅ 1 kHz
sine-wave
nY/nZ
SV01668
GND
channel
ON
Vos
distortion
meter
2RL
VCC
nZ/nY
2RL
CL
10
mF
Figure 10. Test circuit for measuring sine-wave distortion.
SV01639
GND
2RL
VCC
channel
OFF
V
is
0.1
mF
Yn/Z
Z/Yn
dB
CL
2RL
VOS
Figure 11. Test circuit for measuring
switch “OFF” signal feed-through.


Podobny numer części - 74LV4316

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Podobny opis - 74LV4316

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com