Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV423D Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LV423D
Szczegółowy opis  Dual retriggerable monostable multivibrator with reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV423D Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LV423D Datasheet HTML 1Page - NXP Semiconductors 74LV423D Datasheet HTML 2Page - NXP Semiconductors 74LV423D Datasheet HTML 3Page - NXP Semiconductors 74LV423D Datasheet HTML 4Page - NXP Semiconductors 74LV423D Datasheet HTML 5Page - NXP Semiconductors 74LV423D Datasheet HTML 6Page - NXP Semiconductors 74LV423D Datasheet HTML 7Page - NXP Semiconductors 74LV423D Datasheet HTML 8Page - NXP Semiconductors 74LV423D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Preliminary specification
74LV423
Dual retriggerable monostable multivibrator
with reset
2
1997 Feb 04
853–1913 17724
FEATURES
Optimized for Low Voltage applications: 1.0 to 5.5V
Accepts TTL input levels between V
CC = 2.7V and VCC = 3.6V
Typical V
OLP (output ground bounce) t 0.8V @ VCC = 3.3V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) u 2V @ VCC = 3.3V,
Tamb = 25°C
DC triggered from active HIGH or active LOW inputs
Retriggerable for very long pulses up to 100% duty factor
Direct reset terminates output pulses
Schmitt-trigger action on all inputs except for the reset input
Output capability: standard (except for nR
EXT/CEXT)
I
CC category: MSI
DESCRIPTION
The 74LV423 is a low-voltage Si-gate CMOS device and is pin and
function compatible with the 74HC/HCT423.
The 74LV423 is a dual retriggerable monostable multivibrator with
output pulse width control by three methods. The basic pulse time is
programmed by selection of an external resistor (REXT) and
capacitor (CEXT). They are normally connected as shown in
Figure 1. Once triggered, the basic output pulse width may be
extended by retriggering the gated active LOW-going edge input
(nA) or the active HIGH-going edge input (nB). By repeating this
process, the output pulse period (nQ = HIGH, nQ = LOW) can be
made as long as desired. Alternatively, an output delay can be
terminated at any time by a LOW-going edge on input nRD, which
also inhibits the triggering. Figures 2 and 3 illustrate pulse control by
retriggering and early reset. The basic output pulse width is
essentially determined by the values of the external timing
components REXT and CEXT. For pulse width when CEXT <10000pF,
see Figure 6. When CEXT u 10,000pF, the typical output pulse
width is defined as:
tW = 0.45
REXT
CEXT (typ.), where
tW = pulse width in ns; REXT = external resistor in KΩ; and
CEXT = external capacitor in pF. Schmitt-trigger action in the nA and
nB inputs makes the circuit highly tolerant of slower input rise and
fall times.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nA, nB to nQ, nQ
nRD to nQ, nQ
CL = 15pF
VCC = 3.3V
REXT = 5KΩ
CEXT = 0pF
16
13
ns
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per flip-flop
VCC = 3.3V, VI = GND to VCC1
17
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2
fi )S (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL
VCC2
fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
16-Pin Plastic DIL
–40
°C to +125°C
74LV423 N
74LV423 N
SOT38-1
16-Pin Plastic SO
–40
°C to +125°C
74LV423 D
74LV423 D
SOT109-1
16-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV423 DB
74LV423 DB
SOT338-1
16-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV423 PW
74LV423PW DH
SOT403-1


Podobny numer części - 74LV423D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Podobny opis - 74LV423D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com