Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4316N Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74LV4316N
Szczegółowy opis  Quad bilateral switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4316N Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74LV4316N Datasheet HTML 4Page - NXP Semiconductors 74LV4316N Datasheet HTML 5Page - NXP Semiconductors 74LV4316N Datasheet HTML 6Page - NXP Semiconductors 74LV4316N Datasheet HTML 7Page - NXP Semiconductors 74LV4316N Datasheet HTML 8Page - NXP Semiconductors 74LV4316N Datasheet HTML 9Page - NXP Semiconductors 74LV4316N Datasheet HTML 10Page - NXP Semiconductors 74LV4316N Datasheet HTML 11Page - NXP Semiconductors 74LV4316N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
74LV4316
Quad bilateral switches
1998 Jun 23
8
ADDITIONAL AC CHARACTERISTICS
GND = 0 V; tr = tf ≤ 2.5ns; CL = 50pF
SYMBOL
PARAMETER
TYP
UNIT
VCC
(V)
VIS(P–P)
(V)
CONDITIONS
Sine-wave distortionf=1kHz
0.80
%
3.0
2.75
RL = 10 kW; CL = 50 pF
Sine-wave distortion f = 1 kHz
0.40
%
6.0
5.50
L
L
Figure 10
Sine-wave distortionf=10kHz
2.40
%
3.0
2.75
RL = 10 kW; CL = 50 pF
Sine-wave distortion f = 10 kHz
1.20
%
6.0
5.50
L
L
Figure 10
Switch “OFF” signal feed through
–50
dB
3.0
Note 1
RL = 600 kW; CL = 50 pF; f=1 MHz
Switch OFF signal feed through
–50
dB
6.0
L
L
Figures 5 and 11
Crosstalk between any two switches
–60
dB
3.0
Note 1
RL = 600 kW; CL = 50 pF; f=1 MHz
Crosstalk between any two switches
–60
dB
6.0
L
L
Figure 7
V()
Crosstalk voltage between enable or address
110
mV
3.0
RL = 600 kW; CL = 50 pF; f=1 MHz
(nS or E square wave between VCC
V(p–p)
g
input to any switch (peak-to-peak value)
220
mV
6.0
(nS or E, square wave between VCC
and GND, Tr = tf = 6 ns) Figure 8
f
Minimum frequency response (–3 dB)
180
mHz
3.0
Note 2
RL = 50 kW; CL = 50 pF
fmax
Minimum frequency res onse (–3 dB)
200
mHz
6.0
L
L
Figures 6 and 9
CS
Maximum switch capacitance
5
pF
GENERAL NOTES:
Vis is the input voltage at nY or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at nY or nZ terminal, whichever is assigned as an output.
NOTES:
1. Adjust input voltage Vis is 0 dBm level (0 dBm = 1 mW into 600 W).
2. Adjust input voltage Vis is 0 dBm level at Vos for 1 MHz (0 dBm = 1 mW into 50 W).
SV01635
(dB)
f (kHz)
0
10
10 2
10 3
10 4
10 5
10 6
–50
–100
Figure 5. Typical switch “OFF” signal feed-through as a
function of frequency.
SV01664
(dB)
f (kHz)
5
10
10 2
10 3
10 4
10 5
10 6
0
–5
Figure 6. Typical frequency response.
NOTES TO FIGURES 5 AND 6:
Test conditions: VCC = 3.0 V; GND = 0 V; RL = 50 W; RSOURCE = 1kW.
SV01665
GND
2RL
VCC
channel
ON
V
is
0.1
mF
RL
nY/nZ
nZ/nY
CL
GND
channel
OFF
(b)
(a)
Vos
dB
2RL
nY/nZ
2RL
2RL
VCC
VCC
nZ/nY
2RL
CL
RL
Figure 7. Test circuit for measuring crosstalk between any two switches.
(a) channel ON condition; (b) channel OFF condition.


Podobny numer części - 74LV4316N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Podobny opis - 74LV4316N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com