Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4799 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74LV4799
Szczegółowy opis  Timer for NiCd and NiMH chargers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4799 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74LV4799 Datasheet HTML 1Page - NXP Semiconductors 74LV4799 Datasheet HTML 2Page - NXP Semiconductors 74LV4799 Datasheet HTML 3Page - NXP Semiconductors 74LV4799 Datasheet HTML 4Page - NXP Semiconductors 74LV4799 Datasheet HTML 5Page - NXP Semiconductors 74LV4799 Datasheet HTML 6Page - NXP Semiconductors 74LV4799 Datasheet HTML 7Page - NXP Semiconductors 74LV4799 Datasheet HTML 8Page - NXP Semiconductors 74LV4799 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Philips Semiconductors
Product specification
74LV4799
Timer for NiCd and NiMH chargers
1998 Apr 20
4
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1
LED
LED driver output pin (active LOW)
2
EN
Enable output (active HIGH)
3
EN
Enable output (active LOW)
4
Vin
External power input
5
PWRS
Power sense input
6
MOLLI/SCO
More-or-less-low-indication output (active LOW)/scan test output
7
SEL
LED mode select input
8
GND
Ground (0 V)
9
DIS
Discharge input (active LOW)
10
RC
External resistor pin 3-State oscillator output (charge)
11
RD
External resistor pin 3-State output (discharge)
12
RS
External resistor pin 3-State output (self-discharge)
13
IOSC
Oscillator input
14
SCAN
Scan test mode select input (active HIGH)
15
SCI
Scan test input
16
VCC
Positive supply voltage
Power On Reset.
An automatic Power On Reset initiates the IC when the battery is
discharged and power is connected to the circuit. The initial
condition is the charge mode in which the counter is reset and
counts from zero up to maximum. At start up, the battery therefore
always receives a full charge cycle. When a partially charged battery
is inserted, it may be over-charged during the first cycle. To guard
against this, simply replace the resistor at the RC pin with an NTC
type which is in good thermal contact with the battery. If the
temperature of the battery increases, the frequency of the oscillator
also increases to quickly reach a counter full indication and
switch-over to trickle charge. With a battery that is almost
completely discharged, the POR input can also be activated during
discharge or self-discharge. The counter will then be reset to zero.
This is a correct action while returning to the initial condition.
Power-on sensing.
Because this IC supports virtually all battery chargers, the PWRS input
has a broad input frequency spectrum (active HIGH to 100 kHz). A
pull-down circuit at the PWRS input allows detection of the open state
which corresponds to an inactive charger. A HIGH level on the PWRS
input, or an AC signal up to 100 kHz, enables the charge mode.
Start-up with low battery voltage.
Good start-up, even with an un-charged battery, is assured by using
the VIN input. The voltage on the VIN input biases the external
bipolar transistors at the EN or EN output, even if the IC is not yet
functioning. After the battery has received sufficient charge, the
internal control logic takes over control of the EN and EN outputs.
Charge mode.
This mode is selected when PWRS is active (HIGH or pulsed) and
the discharge input DIS is HIGH. The EN output is HIGH, and the
EN output is LOW initiating continuous charge of the battery. The
counter then counts from the zero state up to the maximum value.
The clock frequency is determined by the external capacitor and
resistor connected to the RC output. The counter stops when it
reaches its maximum value and the EN and EN outputs switch over
from the continuous charge to the trickle charge mode.
Trickle charge mode.
At the maximum counter value, it is assumed that the battery is fully
charged. The counter stops and remains on this maximum value.
The EN and EN outputs switch over from the continues charge to
the trickle charge mode. In the trickle charge mode, the average
charge current is reduced to only compensate the self-discharge of
the battery by using the dedicated duty cycle control. The control is
dedicated because it adjusts the duty cycle in inverse proportion to
the load current, resulting in a fixed charger current irrespective of
the kind of charger (e.g. 4-hour or 16-hour charger). In the trickle
charge mode, the oscillator circuitry alternately generates 4 periods
of RC -C1 time-constant, and 3 periods of the RS -C1 time-constant
(See Figure 1).
Discharge mode.
The discharge input (DIS) is used to detect the discharge of the
battery. If DIS is LOW, the counter counts down. The clock
frequency is determined by the external capacitor and resistor at the
RD output. If PWRS is inactive (LOW or open), the EN output is
LOW, and the EN output is in the high impedance OFF-state (no
charge of the battery). This is called the discharge mode. If PWRS is
active, the circuit is in the charge/discharge mode.
Charge/Discharge mode.
If DIS is LOW and PWRS is active (HIGH or pulsed), the circuit is in
the charge/discharge mode. The counter counts down. The clock
frequency is determined by the external capacitor and resistor tied
at the RD output. The EN output is HIGH, and the EN output is LOW
initiating continuous charge of the battery. The battery is therefore
charged and discharged at the same instant, thereby maintaining a
better load condition of the battery.


Podobny numer części - 74LV4799

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Podobny opis - 74LV4799

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1104 PHILIPS-TEA1104 Datasheet
119Kb / 16P
   Cost effective battery monitor and fast charge IC for NiCd and NiMH chargers
1996 Feb 26
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
TEA1102 PHILIPS-TEA1102 Datasheet
306Kb / 28P
   Fast charge ICs for NiCd, NiMH, SLA and LiIon
1999 Jan 27
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
U2405B TEMIC-U2405B Datasheet
312Kb / 17P
   Fast Charge Controller for Drained NiCd/NiMH Batteries
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com