Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4799 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LV4799
Szczegółowy opis  Timer for NiCd and NiMH chargers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4799 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LV4799 Datasheet HTML 3Page - NXP Semiconductors 74LV4799 Datasheet HTML 4Page - NXP Semiconductors 74LV4799 Datasheet HTML 5Page - NXP Semiconductors 74LV4799 Datasheet HTML 6Page - NXP Semiconductors 74LV4799 Datasheet HTML 7Page - NXP Semiconductors 74LV4799 Datasheet HTML 8Page - NXP Semiconductors 74LV4799 Datasheet HTML 9Page - NXP Semiconductors 74LV4799 Datasheet HTML 10Page - NXP Semiconductors 74LV4799 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Philips Semiconductors
Product specification
74LV4799
Timer for NiCd and NiMH chargers
1998 Apr 20
7
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCC
DC supply voltage
See Note 1
0.9
1.2
6
V
VI
Input voltage pins 4, 5, and 9
Input voltage pins 7, 13, 14, and 15
0
0
10
VCC
V
VO
Output voltage pins 10, 11, and 12
Output voltage pins 1, 2, 3, and 6
0
0
VCC
10
V
Tamb
Operating ambient temperature range in free air
See DC and AC
characteristics per device
0
+70
°C
Input rise and fall times pin 5
10
ms
tr, tf
Input rise and fall times pins 7, 14 and 15
VCC = 1.0V; VI = 1.0V
VCC = 2.0V; VI = 2.0V
VCC = 3.0V; VI = 4.5V
VCC = 3.6V; VI = 6.0V
500
200
100
50
ns
Input rise and fall times pin 9
2
µs
NOTE:
1. Single sided input protection applied on pins 4, 5, and 9.
ABSOLUTE MAXIMUM RATINGS2, 3
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage
–0.5
+7.0
V
DC input diode current pins 4, 5 and 9
VI < –0.5 or VI > 12 V
±20
IIK
DC input diode current pins 7, 13, 14 and 15
VI < –0.5 or VI > VCC + 0.5 V
+20
mA
NON repetitive peak DC input diode current pin 9
VI > 10 V and t < 10 ms; see note 1
10
VI
DC input voltage range pins 4, 5 and 9
–0.5
+12
V
VI
DC input voltage range pins 7, 13, 14 and 15
–0.5
VCC + 0.5
V
IOK
DC output diode current pins 1, 2, 3 and 6
VO < –0.5 V
–20
mA
IO
DC output sink current pins 1, 2, 3 and 6
VO > 0 V
–25
mA
IOK
DC output diode current pins 10, 11 and 12
VO < –0.5 or VO > VCC + 0.5 V
±20
mA
IO
DC output sink or source current pins 10, 11 and 12
–0.5 V
< VO < VCC + 0.5 V
±25
mA
IGND, ICC
DC GND or VCC current
±50
mA
Tstg
Storage temperature range
–65
+150
°C
Power dissipation per package
for temperature range: –40 to +125
°C
Ptt
Power dissi ation er ackage
Plastic DIL
for tem erature range: 40 to +125 C
above + 70
°C derate linearly with 12 mW/K
750
mW
Ptot
Plastic mini-pack (SO)
Pl
ti
h i k
i i
k (SSOP
d TSSOP)
y
above + 70
°C derate linearly with 8 mW/K
b60
°C d
t li
l
ith 5 5
W/K
500
400
mW
Plastic shrink mini-pack (SSOP and TSSOP)
above + 60
°C derate linearly with 5.5 mW/K
400
NOTES:
1. In applications where a motor is present, the input voltage may exceed the maximum VI, level of 10 V at the DIS input for a very short period
when the motor is switched off.
2. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those under “recommended operating conditions” is not implied. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Podobny numer części - 74LV4799

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Podobny opis - 74LV4799

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1104 PHILIPS-TEA1104 Datasheet
119Kb / 16P
   Cost effective battery monitor and fast charge IC for NiCd and NiMH chargers
1996 Feb 26
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
TEA1102 PHILIPS-TEA1102 Datasheet
306Kb / 28P
   Fast charge ICs for NiCd, NiMH, SLA and LiIon
1999 Jan 27
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
U2405B TEMIC-U2405B Datasheet
312Kb / 17P
   Fast Charge Controller for Drained NiCd/NiMH Batteries
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com