Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV423DB Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74LV423DB
Szczegółowy opis  Dual retriggerable monostable multivibrator with reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV423DB Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74LV423DB Datasheet HTML 1Page - NXP Semiconductors 74LV423DB Datasheet HTML 2Page - NXP Semiconductors 74LV423DB Datasheet HTML 3Page - NXP Semiconductors 74LV423DB Datasheet HTML 4Page - NXP Semiconductors 74LV423DB Datasheet HTML 5Page - NXP Semiconductors 74LV423DB Datasheet HTML 6Page - NXP Semiconductors 74LV423DB Datasheet HTML 7Page - NXP Semiconductors 74LV423DB Datasheet HTML 8Page - NXP Semiconductors 74LV423DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Preliminary specification
74LV423
Dual retriggerable monostable multivibrator
with reset
1997 Feb 04
3
PIN CONFIGURATION
14
13
12
11
10
9
7
6
5
4
3
2
1
GND
VCC
1A
1B
1RD
1Q
2Q
8
15
16
2CEXT
2REXT/CEXT
1REXT/CEXT
1CEXT
1Q
2Q
2RD
2B
2A
SV00096
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1,9
1A, 2A
Trigger inputs
(negative-edge triggered)
2,10
1B, 2B
Trigger inputs
(positive-edge triggered)
3,11
1RD, 2RD
Direct reset LOW
4, 12
1Q, 2Q
Outputs (active LOW)
7
2REXT/CEXT
External resistor/capacitor connection
8
GND
Ground (0V)
13, 5
1Q, 2Q
Outputs (active HIGH)
14, 6
1CEXT,
2CEXT
External capacitor connection
15
1REXT/CEXT
External resistor/capacitor connection
16
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
CX
RCX
&
R
14
15
1
2
3
13
4
CX
RCX
&
R
6
7
9
10
11
5
12
SV00161
LOGIC SYMBOL
1
9
2
10
3
11
14
6
15
7
13
5
4
12
1A
2A
1B
2B
1RD
2RD
1CEXT
2CEXT
1REXT/CEXT
2REXT/CEXT
1Q
2Q
1Q
2Q
S
Q
Q
RD
T
SV00160
FUNCTIONAL DIAGRAM
1
9
2
10
3
11
14
6
15
7
13
5
4
12
1A
2A
1B
2B
1RD
2RD
1CEXT
2CEXT
1REXT/CEXT
2REXT/CEXT
1Q
2Q
1Q
2Q
S
Q
Q
RD
T
SV00162


Podobny numer części - 74LV423DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Podobny opis - 74LV423DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com