Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4316D Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LV4316D
Szczegółowy opis  Quad bilateral switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4316D Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LV4316D Datasheet HTML 1Page - NXP Semiconductors 74LV4316D Datasheet HTML 2Page - NXP Semiconductors 74LV4316D Datasheet HTML 3Page - NXP Semiconductors 74LV4316D Datasheet HTML 4Page - NXP Semiconductors 74LV4316D Datasheet HTML 5Page - NXP Semiconductors 74LV4316D Datasheet HTML 6Page - NXP Semiconductors 74LV4316D Datasheet HTML 7Page - NXP Semiconductors 74LV4316D Datasheet HTML 8Page - NXP Semiconductors 74LV4316D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product specification
74LV4316
Quad bilateral switches
2
1998 Jun 23
853-2079 19619
FEATURES
Optimized for Low Voltage applications: 1.0V to 6.0V
Accepts TTL input levels between V
CC = 2.7V and VCC = 3.6V
Low typ “ON” resistance:
80
W at VCC – VEE = 4.5V
120
W at VCC – VEE = 3.0V
295
W at VCC – VEE = 2.0V
Logic level translation: to enable 3V logic to communicate
with
"3V analog signals
Typical “break before make” built in
Output capability: non-standard
I
CC category: MSI
DESCRIPTION
The 74LV4316 is a low-voltage CMOS device that is pin and
function compatible with 74HC/HCT4316.
The 74LV4316 has four independent analog switches. Each switch
has two input/output terminals (nY, nZ) and an active HIGH select
input (nS). When the enable input (E) is HIGH, all four analog
switches are turned off.
Current through a switch will not cause additional VCC current provided
the voltage at the terminals of the switch is maintained within the
supply voltage range; VCC > (VY, VZ) > VEE. Inputs nY and nZ are
electrically equivalent terminals. VCC and GND are the supply voltage
pins for the digital control inputs (E and nS). The VCC to GND ranges
are 1.0 to 6.0 V.
The analog inputs/outputs (nY and nZ) can swing between VCC as a
positive limit and VEE as a negative limit.
VCC – VEE may not exceed 6.0 V.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr =tf v 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPZH/tPZL
Turn “ON” time:
E to VOS
nS to VOS
CL = 15pF
RL = 1KW
VCC= 3.3V
19
ns
tPHZ/tPLZ
Turn “OFF” time:
E to VOS
nS to VOS
20
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per switch
Notes 1, 2
13
pF
CS
Maximum switch capacitance
5
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
VCC = supply voltage in V:
(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
16-Pin Plastic DIL
–40
°C to +125°C
74LV4316 N
74LV4316 N
SOT38-4
16-Pin Plastic SO
–40
°C to +125°C
74LV4316 D
74LV4316 D
SOT109-1
16-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV4316 DB
74LV4316 DB
SOT338-1
16-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV4316 PW
74LV4316PW DH
SOT403-1
PIN CONFIGURATION
SV01650
14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
16
GND
VCC
1Z
1Y
2Y
2Z
2S
3S
E
1S
4S
4Z
4Y
3Y
3Z
VEE
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1, 4, 10, 13
1Z – 4Z
Independent inputs/outputs
2, 3, 11, 12
1Y – 4Y
Independent inputs/outputs
7
E
Enable input (active LOW)
8
GND
Ground (0V)
9
VEE
Negative supply voltage
15, 5, 6, 14
1S – 4S
Select inputs (active HIGH)
16
VCC
Positive supply voltage


Podobny numer części - 74LV4316D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Podobny opis - 74LV4316D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com