Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV541N Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV541N
Szczegółowy opis  Octal buffer/line driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV541N Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV541N Datasheet HTML 2Page - NXP Semiconductors 74LV541N Datasheet HTML 3Page - NXP Semiconductors 74LV541N Datasheet HTML 4Page - NXP Semiconductors 74LV541N Datasheet HTML 5Page - NXP Semiconductors 74LV541N Datasheet HTML 6Page - NXP Semiconductors 74LV541N Datasheet HTML 7Page - NXP Semiconductors 74LV541N Datasheet HTML 8Page - NXP Semiconductors 74LV541N Datasheet HTML 9Page - NXP Semiconductors 74LV541N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV541
Octal buffer/line driver (3-State)
1998 Jun 10
6
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KW
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
60
t
/t
Propagation delay
Figure 1
2.0
20
39
46
ns
tPHL/tPLH
gy
An to Yn
Figure 1
2.7
15
29
34
ns
3.0 to 3.6
112
23
27
1.2
100
t
/t
3-State output enable time
Figure 2
2.0
34
65
77
ns
tPZH/tPZL
OEn to Yn
Figure 2
2.7
25
48
56
ns
3.0 to 3.6
192
38
45
1.2
100
t
/t
3-State output disable time
Figure 2
2.0
36
66
78
ns
tPHZ/tPLZ
OEn to Yn
Figure 2
2.7
27
48
58
ns
3.0 to 3.6
212
39
47
NOTES:
1. Unless otherwise stated, all typical values are at Tamb = 25°C.
2. Typical value measured at VCC = 3.3V.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V
VM = 0.5 * VCC at VCC t 2.7V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V
VX = VOL + 0.1VCC at VCC < 2.7V
VY = VOH – 0.3V at VCC w 2.7V
VY = VOH – 0.1 VCC at VCC < 2.7V
SV00684
VM
An INPUT
Yn OUTPUT
VM
tPLH
tPHL
GND
VOL
V1
VOH
Figure 1. Input (An) to output (Yn) propagation delays
SV00685
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
OUTPUT
HIGH-to-OFF
OFF–to-HIGH
OUTPUT
LOW-to-OFF
OFF-to-LOW
VM
VM
OEn INPUT
VX
VOL
VOH
VY
GND
GND
VCC
VI
VM
Figure 2. 3-State enable and disable times


Podobny numer części - 74LV541N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV541N PHILIPS-74LV541N Datasheet
107Kb / 15P
   Octal buffer/line driver; 3-state Rev. 03 ??14 April 2009
Rev. 03-14 April 2009
More results

Podobny opis - 74LV541N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com