Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV573 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LV573
Szczegółowy opis  Octal D-type transparent latch 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV573 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LV573 Datasheet HTML 3Page - NXP Semiconductors 74LV573 Datasheet HTML 4Page - NXP Semiconductors 74LV573 Datasheet HTML 5Page - NXP Semiconductors 74LV573 Datasheet HTML 6Page - NXP Semiconductors 74LV573 Datasheet HTML 7Page - NXP Semiconductors 74LV573 Datasheet HTML 8Page - NXP Semiconductors 74LV573 Datasheet HTML 9Page - NXP Semiconductors 74LV573 Datasheet HTML 10Page - NXP Semiconductors 74LV573 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74LV573
Octal D-type transparent latch (3-State)
1998 Jun 10
7
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
SYMBOL
PARAMETER
WAVEFORM
CONDITION
LIMITS
–40 to +85
°C
LIMITS
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP
MAX
MIN
MAX
1.2
75
Propagation delay
2.0
26
39
49
tPHL/tPLH
Propagation delay
Dn to Qn
Figures 1, 5
2.7
19
29
36
ns
Dn to Qn
3.0 to 3.6
142
23
29
4.5 to 5.5
_
19
24
1.2
80
Propagation delay
2.0
27
43
53
tPHL/tPLH
Propagation delay
LE to Qn
Figures 2, 5
2.7
20
31
34
ns
LE to Qn
3.0 to 3.6
152
25
31
4.5 to 5.5
21
26
1.2
70
3-State output
2.0
24
37
48
tPZH/tPZL
3 State out ut
enable time
OE tQ
Figures 3, 5
2.7
18
28
35
ns
OE to Qn
3.0 to 3.6
132
22
28
4.5 to 5.5
18
23
1.2
80
3-State output
2.0
29
39
48
tPHZ/tPLZ
3 State out ut
disable time
OE tQ
Figures 3, 5
2.7
22
29
36
ns
OE to Qn
3.0 to 3.6
172
24
29
4.5 to 5.5
20
24
2.0
34
9
41
tW
LE pulse width HIGH
Figure 2
2.7
25
6
30
ns
3.0 to 3.6
20
52
24
1.2
25
t
Setup time Dn to LE
Figure 4
2.0
17
9
20
ns
tsu
Setu time Dn to LE
Figure 4
2.7
13
6
15
ns
3.0 to 3.6
10
52
12
1.2
5
th
Hold time Dn to LE
Figure 4
2.0
8
2
8
ns
th
Hold time Dn to LE
Figure 4
2.7
8
2
8
ns
3.0 to 3.6
8
12
8
NOTES:
All typical values are measured at Tamb = 25°C
1. Typical values are measured at VCC = 3.3V


Podobny numer części - 74LV573

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV573A TI-74LV573A Datasheet
856Kb / 21P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Podobny opis - 74LV573

ProducentNumer częściArkusz danychSzczegółowy opis
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com