Zakładka z wyszukiwarką danych komponentów |
|
74LV573 Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
74LV573 Arkusz danych(HTML) 3 Page - NXP Semiconductors |
3 / 14 page Philips Semiconductors Product specification 74LV573 Octal D-type transparent latch (3-State) 1998 Jun 10 3 FUNCTION TABLE OPERATING MODES INPUTS INTERNAL OUTPUTS OPERATING MODES OE LE Dn LATCHES Q0 to Q7 Enable and read register (transparent mode) L L H H L H L H L H Latch and read register L L L L I h L H L H Latch register and disable outputs H H L L I h L H Z Z H = HIGH voltage level h = HIGH voltage level one set-up time prior to the HIGH-to-LOW LE transition L = LOW voltage level I = LOW voltage level one set-up time prior to the HIGH-to-LOW LE transition Z = High impedance OFF-state PIN CONFIGURATION SV00701 1 2 3 4 5 6 7 8 9 11 12 13 14 15 16 17 18 19 20 10 OE D0 D1 D2 D3 D4 D5 D6 D7 GND VCC Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 LE LOGIC SYMBOL SV00702 OE LE Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 D0 D1 D2 D3 D4 D5 D6 D7 11 1 2 3 4 5 6 7 8 9 19 18 17 16 15 14 13 12 |
Podobny numer części - 74LV573 |
|
Podobny opis - 74LV573 |