Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV574 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV574
Szczegółowy opis  Octal D-type flip-flop; positive edge-trigger 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV574 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV574 Datasheet HTML 1Page - NXP Semiconductors 74LV574 Datasheet HTML 2Page - NXP Semiconductors 74LV574 Datasheet HTML 3Page - NXP Semiconductors 74LV574 Datasheet HTML 4Page - NXP Semiconductors 74LV574 Datasheet HTML 5Page - NXP Semiconductors 74LV574 Datasheet HTML 6Page - NXP Semiconductors 74LV574 Datasheet HTML 7Page - NXP Semiconductors 74LV574 Datasheet HTML 8Page - NXP Semiconductors 74LV574 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV574
Octal D-type flip-flop; positive edge-trigger (3-State)
1998 Jun 10
5
DC CHARACTERISTICS FOR THE LV FAMILY
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2V
0.9
0.9
VIH
HIGH level Input
VCC = 2.0V
1.4
1.4
V
VIH
voltage
VCC = 2.7 to 3.6V
2.0
2.0
V
VCC = 4.5 to 5.5V
0.7*VCC
0.7*VCC
VCC = 1.2V
0.3
0.3
VIL
LOW level Input
VCC = 2.0V
0.6
0.6
V
VIL
voltage
VCC = 2.7 to 3.6V
0.8
0.8
V
VCC = 4.5 to 5.5
0.3*VCC
0.3*VCC
VCC = 1.2V; VI = VIH or VIL; –IO = 100µA
1.2
HIGH level output
VCC = 2.0V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
HIGH level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
VOH
voltage all out uts
VCC = 3.0V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
V
VOH
VCC = 4.5V;VI = VIH or VIL; –IO = 100µA
4.3
4.5
4.3
V
HIGH level output
voltage; BUS driver
VCC = 3.0V;VI = VIH or VIL; –IO = 8mA
2.40
2.82
2.20
voltage; BUS driver
outputs
VCC = 4.5V;VI = VIH or VIL; –IO = 16mA
3.60
4.20
3.50
VCC = 1.2V; VI = VIH or VIL; IO = 100µA
0
LOW level output
VCC = 2.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
LOW level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
voltage all out uts
VCC = 3.0V;VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VOL
VCC = 4.5V;VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
LOW level output
voltage; BUS driver
VCC = 3.0V;VI = VIH or VIL; IO = 8mA
0.20
0.40
0.50
voltage; BUS driver
outputs
VCC = 4.5V;VI = VIH or VIL; IO = 16mA
0.35
0.55
0.65
II
Input leakage
current
VCC = 5.5V; VI = VCC or GND
1.0
1.0
µA
IOZ
3-State output
OFF-state current
VCC = 5.5V; VI = VIH or VIL;
VO = VCC or GND
5
10
µA
ICC
Quiescent supply
current; MSI
VCC = 5.5V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7V to 3.6V; VI = VCC –0.6V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.


Podobny numer części - 74LV574

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV574A TI-74LV574A Datasheet
846Kb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results

Podobny opis - 74LV574

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com